Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHYB67130CM Datasheet(PDF) 8 Page - International Rectifier

Part # IRHYB67130CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYB67130CM Datasheet(HTML) 8 Page - International Rectifier

  IRHYB67130CM Datasheet HTML 1Page - International Rectifier IRHYB67130CM Datasheet HTML 2Page - International Rectifier IRHYB67130CM Datasheet HTML 3Page - International Rectifier IRHYB67130CM Datasheet HTML 4Page - International Rectifier IRHYB67130CM Datasheet HTML 5Page - International Rectifier IRHYB67130CM Datasheet HTML 6Page - International Rectifier IRHYB67130CM Datasheet HTML 7Page - International Rectifier IRHYB67130CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHYB67130CM
Pre-Irradiation
8
www.irf.com
à Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Ä Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Å Total Dose Irradiation with VDS Bias.
80 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
À Repetitive Rating; Pulse width limited by
maximum junction temperature.
Á VDD = 25V, starting TJ = 25°C, L= 0.54mH
Peak IL = 20A, VGS = 12V
 ISD ≤ 20A, di/dt ≤ 575A/µs,
VDD ≤ 100V, TJ ≤ 150°C
Footnotes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 11/2004
NOT ES:
1. DIMENSIONING & TOLERANCING PER ANS I Y14.5M-1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
4. OUTLINE CONFORMS TO JEDEC OUTLINE TO-257AA.
LEAD ASSIGNMENTS
2 = SOURCE
1 = DRAIN
3 = GATE
Case Outline and Dimensions — Low-Ohmic TO-257AA ( Tabless)
0.88 [.035]
0.64 [.025]
12
3
Ø 0.50 [.020]
B A
3X Ø
2.54 [.100]
10.66 [.420]
10.42 [.410]
A
5.08 [.200]
4.83 [.190]
B
10.92 [.430]
10.42 [.410]
15.88 [.625]
12.70 [.500]
2X
0.71 [.028]
MAX.
0.13 [.005]
3.05 [.120]
C


Similar Part No. - IRHYB67130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYB67130CM IRF-IRHYB67130CM Datasheet
190Kb / 9P
   Simple Drive Requirements
IRHYB67130CM IRF-IRHYB67130CM_15 Datasheet
190Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHYB67130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYS67130CM IRF-IRHYS67130CM Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB597Z30CM IRF-IRHYB597Z30CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67134CM IRF-IRHYS67134CM Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS597034CM IRF-IRHYS597034CM Datasheet
200Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB67134CM IRF-IRHYB67134CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS597Z30CM IRF-IRHYS597Z30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67230CM IRF-IRHYS67230CM Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67234CM IRF-IRHYS67234CM Datasheet
192Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB67230CM IRF-IRHYB67230CM Datasheet
135Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB597034CM IRF-IRHYB597034CM Datasheet
191Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com