Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2692 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SCC2692
Description  Dual asynchronous receiver/transmitter DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2692 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SCC2692 Datasheet HTML 2Page - NXP Semiconductors SCC2692 Datasheet HTML 3Page - NXP Semiconductors SCC2692 Datasheet HTML 4Page - NXP Semiconductors SCC2692 Datasheet HTML 5Page - NXP Semiconductors SCC2692 Datasheet HTML 6Page - NXP Semiconductors SCC2692 Datasheet HTML 7Page - NXP Semiconductors SCC2692 Datasheet HTML 8Page - NXP Semiconductors SCC2692 Datasheet HTML 9Page - NXP Semiconductors SCC2692 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Philips Semiconductors
Product specification
SCC2692
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
6
DC ELECTRICAL CHARACTERISTICS1, 2, 3
SYM-
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
BOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VIL
Input low voltage
0.8
V
VIH
Input high voltage (except X1/CLK)6
2.0
V
VIH
Input high voltage (except X1/CLK)7
2.5
V
VIH
Input high voltage (X1/CLK)
0.8 VCC
V
VOL
Output low voltage
IOL = 2.4mA
0.4
V
VOH
Output high voltage (except OD outputs)4
IOH = -400µA
VCC -0.5
V
IIX1PD
X1/CLK input current - power down
VIN = 0 to VCC
-10
+10
µA
IILX1
X1/CLK input low current - operating
VIN = 0
-75
0
µA
IIHX1
X1/CLK input high current - operating
VIN = VCC
0
75
µA
IOHX2
X2 output high current - operating
VOUT = VCC, X1 = 0
0
+75
µA
IOHX2S
X2 output high short circuit current - operating
VOUT = 0, X1 = 0
-10
-1
mA
IOLX2
X2 output low current - operating
VOUT = 0, X1 = VCC
-75
0
µA
IOLX2S
X2 output low short circuit current - operating and power down
VOUT = VCC, X1 = VCC
1
10
mA
Input leakage current:
II
All except input port pins
VIN = 0 to VCC
-10
+10
µA
Input port pins
VIN = 0 to VCC
-20
+10
µA
IOZH
Output off current high, 3-state data bus
VIN = VCC
10
µA
IOZL
Output off current low, 3-state data bus
VIN = 0V
-10
µA
IODL
Open-drain output low current in off-state
VIN = 0
-10
µA
IODH
Open-drain output high current in off-state
VIN = VCC
10
µA
Power supply current5
ICC
Operating mode
CMOS input levels
10
mA
Power down mode8
CMOS input levels
2
10
mA
NOTES:
1. Parameters are valid over specified temperature range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0.4V and 2.4V with a transition time of 5ns
maximum. For X1/CLK this swing is between 0.4V and 4.4V. All time measurements are referenced at input voltages of 0.8V and 2.0V and
output voltages of 0.8V and 2.0V, as appropriate.
3. Typical values are at +25
°C, typical supply voltages, and typical processing parameters.
4. Test conditions for outputs: CL = 150pF, except interrupt outputs. Test conditions for interrupt outputs: CL = 50pF, RL = 2.7KΩ to VCC.
5. All outputs are disconnected. Inputs are switching between CMOS levels of VCC -0.2V and VSS + 0.2V.
6. TA > 0°C
7. TA < 0°C
8. See UART application note for 5
µA.
AC CHARACTERISTICS1, 2, 4
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Typ3
Max
UNIT
Reset Timing (See Figure 3)
tRES
RESET pulse width
200
ns
Bus Timing5 (See Figure 4)
tAS
A0-A3 setup time to RDN, WRN Low
10
ns
tAH
A0-A3 hold time from RDN, WRN Low
100
ns
tCS
CEN setup time to RDN, WRN Low
0
ns
tCH
CEN hold time from RDN, WRN High
0
ns
tRW
WRN, RDN pulse width
225
ns
tDD
Data valid after RDN Low
175
ns
tDA
RDN Low to data bus active7
15
ns
tDF
Data bus floating after RDN High
125
ns
tDI
RDN High to data bus invalid7
20
ns
tDS
Data setup time before WRN High
100
ns
tDH
Data hold time after WRN High
20
ns
tRWD
High time between reads and/or writes5, 6
200
ns


Similar Part No. - SCC2692

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1A28 PHILIPS-SCC2691AC1A28 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1D24 PHILIPS-SCC2691AC1D24 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1N24 PHILIPS-SCC2691AC1N24 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AE1A28 PHILIPS-SCC2691AE1A28 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
More results

Similar Description - SCC2692

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com