Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2691AC1N24 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SCC2691AC1N24
Description  Universal asynchronous receiver/transmitter UART
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2691AC1N24 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SCC2691AC1N24 Datasheet HTML 12Page - NXP Semiconductors SCC2691AC1N24 Datasheet HTML 13Page - NXP Semiconductors SCC2691AC1N24 Datasheet HTML 14Page - NXP Semiconductors SCC2691AC1N24 Datasheet HTML 15Page - NXP Semiconductors SCC2691AC1N24 Datasheet HTML 16Page - NXP Semiconductors SCC2691AC1N24 Datasheet HTML 17Page - NXP Semiconductors SCC2691AC1N24 Datasheet HTML 18Page - NXP Semiconductors SCC2691AC1N24 Datasheet HTML 19Page - NXP Semiconductors SCC2691AC1N24 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Philips Semiconductors
Product specification
SCC2691
Universal asynchronous receiver/transmitter (UART)
1998 Sep 04
16
RDN
MPI
WRN
MPO
tPS
tPH
tPD
SD00125
Figure 5. I/O Timing
WRN
INTERRUPT1
OUTPUT
RDN
INTERRUPT1
OUTPUT
VM
tIR
tIR
VOL +0.5V
VOL +0.5V
VOL
VOL
NOTES:
1. INTRN or MPO when used as interrupt outputs.
2. The test for open drain outputs is intended to guarantee switching of the output transistor. Measurement of this response is referenced from the midpoint of the switching signal,
VM, to a point 0.5V above VOL. This point represents noise margin that assures true switching has occurred. Beyond this level, the effects of external circuitry and test environment
are pronounced and can greatly affect the resultant measurement.
SD00126
Figure 6. Interrupt Timing
X1/CLK
C/T CLK
RxC
TxC
tCLK
tCTC
tRx
tTx
tCLK
tCTC
tRx
tTx
C1
C2
Y1
X1/CLK
X2
SCC2691
Y1 = 3.6864MHz, CL = 20pF
C1 = C2 = 24pF
CLK
5V
470
X1
X2
N/C
TYPICAL CRYSTAL SPECIFICATION
FREQUENCY. . . . . . . . . . . . . . 2–4MHz
LOAD CAPACITANCE (CL). . . 20 or 32pF (typical)
TYPE OF OPERATION . . . . . .PARALLEL RESONANT, FUND. MODE
DRIVING
FROM EXTERNAL
SOURCE
50k
to
150k
SD00127
Figure 7. Clock Timing


Similar Part No. - SCC2691AC1N24

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1A44 PHILIPS-SCC2692AC1A44 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1B44 PHILIPS-SCC2692AC1B44 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1N28 PHILIPS-SCC2692AC1N28 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1N40 PHILIPS-SCC2692AC1N40 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCC2691AC1N24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com