Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16831 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16831
Description  High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16831 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16831 Datasheet HTML 3Page - Maxim Integrated Products MAX16831 Datasheet HTML 4Page - Maxim Integrated Products MAX16831 Datasheet HTML 5Page - Maxim Integrated Products MAX16831 Datasheet HTML 6Page - Maxim Integrated Products MAX16831 Datasheet HTML 7Page - Maxim Integrated Products MAX16831 Datasheet HTML 8Page - Maxim Integrated Products MAX16831 Datasheet HTML 9Page - Maxim Integrated Products MAX16831 Datasheet HTML 10Page - Maxim Integrated Products MAX16831 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
High-Voltage, High-Power LED Driver with
Analog and PWM Dimming Control
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = VUVEN = 14V, CREG1 = 1µF, CREG2 = 10µF, CCLMP = 0.1µF, RT = 25kΩ, RCS = 0.1Ω, TA = +25°C, unless otherwise noted.)
100
200
250
300
350
400
450
500
550
0.005
0.015
0.025
0.035
0.045
PWM OSCILLATOR FREQUENCY
vs. 1/RT CONDUCTANCE
1/RT (k
-1)
150
2ms/div
200Hz DIMMING OPERATION
10% DIMMING
1A/div
MAX16831 toc14
0A
50% DIMMING
1A/div
0A
90% DIMMING
1A/div
0A
0
30
40
50
60
70
80
90
100
01
2
3
LED CURRENT DUTY CYCLE
vs. DIM VOLTAGE
DIM VOLTAGE (V)
20
10
40ns/div
DRIVER (DRV) RISE TIME
DRV OUTPUT
RISING
MAX16831 toc16
2V/div
0V
5nF CAPACITOR CONNECTED
FROM DRV TO AGND
40ns/div
DRIVER (DRV) FALL TIME
DRV OUTPUT
FALLING
MAX16831 toc17
2V/div
0V
5nF CAPACITOR CONNECTED
FROM DRV TO AGND
40ns/div
DGT RISE TIME
DGT OUTPUT
RISING
14V OFFSET
MAX16831 toc18
2V/div
14V
VHI - VLO = 11V
1nF CAPACITOR CONNECTED
FROM DGT TO AGND
40ns/div
DGT FALL TIME
DGT OUTPUT
FALLING
14V OFFSET
MAX16831 toc19
2V/div
14V
VHI - VLO = 11V
1nF CAPACITOR CONNECTED
FROM DGT TO AGND


Similar Part No. - MAX16831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
MAX16831 MAXIM-MAX16831 Datasheet
180Kb / 9P
   MAX16831 Evaluation Kit
Rev 1; 10/08
MAX16831ATJ++ MAXIM-MAX16831ATJ+ Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
MAX16831EVKIT MAXIM-MAX16831EVKIT Datasheet
180Kb / 9P
   MAX16831 Evaluation Kit
Rev 1; 10/08
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
More results

Similar Description - MAX16831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com