Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE150A Datasheet(PDF) 5 Page - Won-Top Electronics

Part # P4KE150A
Description  400W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P4KE150A Datasheet(HTML) 5 Page - Won-Top Electronics

  P4KE150A Datasheet HTML 1Page - Won-Top Electronics P4KE150A Datasheet HTML 2Page - Won-Top Electronics P4KE150A Datasheet HTML 3Page - Won-Top Electronics P4KE150A Datasheet HTML 4Page - Won-Top Electronics P4KE150A Datasheet HTML 5Page - Won-Top Electronics P4KE150A Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P4KE SERIES
5 of 6
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
5,000
370 x 370 x 420
25,000
13.0
TAPE & BOX
255 x 75 x 150
5,000
400 x 273 x 415
50,000
21.0
BULK
198 x 84 x 20
1,000
459 x 214 x 256
50,000
19.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
P4 K E x x
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
198mm
84mm
20mm
Cathode
= Polarity Band Except
= Bi-Directional Types
P4KExx
= Device Number
WTE
= Manufacturer’s Logo


Similar Part No. - P4KE150A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE150A PANJIT-P4KE150A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE150A TSC-P4KE150A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Littelfuse
P4KE150A LITTELFUSE-P4KE150A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Diotec Semiconductor
P4KE150A DIOTEC-P4KE150A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
SeCoS Halbleitertechnol...
P4KE150A SECOS-P4KE150A Datasheet
334Kb / 3P
   400 Peak Power
More results

Similar Description - P4KE150A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com