Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNJ4230 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHNJ4230
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ4230 Datasheet(HTML) 8 Page - International Rectifier

  IRHNJ4230 Datasheet HTML 1Page - International Rectifier IRHNJ4230 Datasheet HTML 2Page - International Rectifier IRHNJ4230 Datasheet HTML 3Page - International Rectifier IRHNJ4230 Datasheet HTML 4Page - International Rectifier IRHNJ4230 Datasheet HTML 5Page - International Rectifier IRHNJ4230 Datasheet HTML 6Page - International Rectifier IRHNJ4230 Datasheet HTML 7Page - International Rectifier IRHNJ4230 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHNJ7230
Pre-Irradiation
8
www.irf.com
à Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Ä Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A
Å Total Dose Irradiation with VDS Bias.
160 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A
À Repetitive Rating; Pulse width limited by
maximum junction temperature.
Á VDD = 25V, starting TJ = 25°C, L= 3.4mH,
Peak IL = 9.4A, VGS = 12V
 ISD ≤ 9.4A, di/dt ≤ 660A/µs,
VDD ≤ 200V, TJ ≤ 150°C
Footnotes:
Case Outline and Dimensions — SMD-0.5
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 05/2006


Similar Part No. - IRHNJ4230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ4130 IRF-IRHNJ4130 Datasheet
109Kb / 8P
   100V, N-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
More results

Similar Description - IRHNJ4230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ7330SE IRF-IRHNJ7330SE Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67230 IRF-IRHNJ67230 Datasheet
144Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7430SE IRF-IRHNJ7430SE Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ597130 IRF-IRHNJ597130 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57133SE IRF-IRHNJ57133SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ9130 IRF-IRHNJ9130 Datasheet
126Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67134 IRF-IRHNJ67134 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com