Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNJ63C30 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHNJ63C30
Description  RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ63C30 Datasheet(HTML) 1 Page - International Rectifier

  IRHNJ63C30 Datasheet HTML 1Page - International Rectifier IRHNJ63C30 Datasheet HTML 2Page - International Rectifier IRHNJ63C30 Datasheet HTML 3Page - International Rectifier IRHNJ63C30 Datasheet HTML 4Page - International Rectifier IRHNJ63C30 Datasheet HTML 5Page - International Rectifier IRHNJ63C30 Datasheet HTML 6Page - International Rectifier IRHNJ63C30 Datasheet HTML 7Page - International Rectifier IRHNJ63C30 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain Current
3.4
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
2.2
IDM
Pulsed Drain Current
À
13.6
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
76
mJ
IAR
Avalanche Current
À
3.4
A
EAR
Repetitive Avalanche Energy
À
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
9.2
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
1.0 (Typical)
g
oC
A
08/14/06
www.irf.com
1
TECHNOLOGY
For footnotes refer to the last page
Pre-Irradiation
RADIATION HARDENED
IRHNJ67C30
POWER MOSFET
600V, N-CHANNEL
SURFACE-MOUNT (SMD-0.5)
Features:
n Low RDS(on)
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n Surface Mount
n
Ceramic Package
n Light Weight
SMD-0.5
International Rectifier’s R6TM technology provides
superior power MOSFETs for space applications.
These devices have improved immunity to Single
Event Effect (SEE) and have been characterized for
useful performance with Linear Energy Transfer
(LET) up to 90MeV/(mg/cm2). Their combination of
very low RDS(on) and faster switching times reduces
power loss and increases power density in today’s
high speed switching applications such as DC-DC
converters and motor controllers. These devices
retain all of the well established advantages of
MOSFETs such as voltage control, ease of paralleling
and temperature stability of electrical parameters.
Product Summary
Part Number
Radiation Level RDS(on)
ID
IRHNJ67C30
100K Rads (Si)
2.9
3.4A
IRHNJ63C30
300K Rads (Si)
2.9
3.4A
PD-97198


Similar Part No. - IRHNJ63C30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ63130 IRF-IRHNJ63130 Datasheet
179Kb / 8P
   100V, N-CHANNEL
IRHNJ63134 IRF-IRHNJ63134 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ63230 IRF-IRHNJ63230 Datasheet
144Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ63234 IRF-IRHNJ63234 Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ63434 IRF-IRHNJ63434 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT
More results

Similar Description - IRHNJ63C30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ7330SE IRF-IRHNJ7330SE Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67230 IRF-IRHNJ67230 Datasheet
144Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7430SE IRF-IRHNJ7430SE Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ597130 IRF-IRHNJ597130 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57133SE IRF-IRHNJ57133SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ9130 IRF-IRHNJ9130 Datasheet
126Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67134 IRF-IRHNJ67134 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7230 IRF-IRHNJ7230 Datasheet
129Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com