Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15012 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX15012
Description  175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15012 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
175V/2A, High-Speed,
Half-Bridge MOSFET Drivers
6
_______________________________________________________________________________________
VDD AND BST OPERATING SUPPLY
CURRENT vs. FREQUENCY
FREQUENCY (kHz)
900
700 800
200 300 400 500 600
100
1
2
3
4
5
6
7
8
9
10
0
0
1000
CL = 0
DH OR DL OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.12
0.14
0.16
0.18
0.20
0.24
0.28
0.32
0.34
0.22
0.26
0.30
0.10
-40
125
SINKING 100mA
DH OR DL FALL TIME
vs. TEMPERATURE (CLOAD = 10nF)
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
10
20
30
40
50
70
110
100
90
120
60
80
0
-40
125
VDD = VBST = 8V
VDD = VBST = 12V
DH OR DL RISE PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
5
10
15
20
25
35
55
60
30
45
50
40
0
-40
125
DH
DL
PEAK DH AND DL
SOURCE/SINK CURRENT
MAX15012/13 toc10
1
µs/div
DH OR DL
5V/div
SINK AND SOURCE
CURRENT
2A/div
CL = 100nF
DH OR DL RISE TIME
vs. TEMPERATURE (CL = 10nF)
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
12
24
36
48
60
84
108
120
72
96
0
-40
125
VDD = VBST = 8V
VDD = VBST = 12V
Typical Operating Characteristics (continued)
(Typical values are at VDD = VBST = +12V and TA = +25°C, unless otherwise specified.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn