Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15012 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX15012
Description  175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15012 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX15012/MAX15013 high-frequency, 175V half-
bridge, n-channel MOSFET drivers drive high- and low-
side MOSFETs in high-voltage applications. These
drivers are independently controlled and their 35ns typ-
ical propagation delay, from input to output, are
matched to within 2ns (typ). The high-voltage operation
with very low and matched propagation delay between
drivers, and high source/sink current capabilities make
these devices suitable for the high-power, high-fre-
quency telecom power converters. A reliable on-chip
bootstrap diode connected between VDD and BST
eliminates the need for an external discrete diode.
The MAX15012A/MAX15013A offer both noninverting
drivers (see the Selector Guide). The MAX15012B/
MAX15013B offer a noninverting high-side driver
and an inverting low-side driver. The MAX15012A/
MAX15012B feature CMOS (VDD / 2) logic inputs. The
MAX15013A/MAX15013B feature TTL logic inputs. The
drivers are available in the industry-standard 8-pin SO
footprint and pin configuration. All devices operate over
the -40°C to +125°C automotive temperature range.
Applications
Telecom Half-Bridge Power Supplies
Two-Switch Forward Converters
Full-Bridge Converters
Active-Clamp Forward Converters
Power-Supply Modules
Motor Control
Features
♦ HIP2100/HIP2101 Pin Compatible
(MAX15012A/MAX15013A)
♦ Up to 175V Input Operation
♦ 8V to 12.6V VDD Input Voltage Range
♦ 2A Peak Source and Sink Current Drive Capability
♦ 35ns Typical Propagation Delay
♦ Guaranteed 8ns Propagation Delay Matching
Between Drivers
♦ Up to 500kHz Switching Frequency
♦ Available in CMOS (VDD / 2) or TTL Logic-Level
Inputs with Hysteresis
♦ Up to 14V Logic Inputs Independent of Input
Voltage
♦ Low 2.5pF Input Capacitance
♦ Low 70µA Supply Current
♦ Versions Available with Combination of
Noninverting and Inverting Drivers
(MAX15012B/MAX15013B)
♦ Available in Industry-Standard 8-Pin SO Package
175V/2A, High-Speed,
Half-Bridge MOSFET Drivers
________________________________________________________________ Maxim Integrated Products
1
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX15012AASA+
-40°C to +125°C
8 SO
S8-5
MAX15012BASA+
-40°C to +125°C
8 SO
S8-5
MAX15013AASA+
-40°C to +125°C
8 SO
S8-5
MAX15013BASA+
-40°C to +125°C
8 SO
S8-5
Ordering Information
PART
HIGH-SIDE DRIVER
LOW-SIDE DRIVER
LOGIC LEVELS
PIN COMPATIBLE
MAX15012AASA+
Noninverting
Noninverting
CMOS (VDD / 2)
HIP 2100IB
MAX15012BASA+
Noninverting
Inverting
CMOS (VDD / 2)
MAX15013AASA+
Noninverting
Noninverting
TTL
HIP 2101IB
MAX15013BASA+
Noninverting
Inverting
TTL
Selector Guide
19-0530; Rev 0; 5/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
+Denotes lead-free package.
Pin Configuration and Typical Operating Circuit appear at
the end of data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn