Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28L92A1B Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC28L92A1B
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92A1B Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC28L92A1B Datasheet HTML 16Page - NXP Semiconductors SC28L92A1B Datasheet HTML 17Page - NXP Semiconductors SC28L92A1B Datasheet HTML 18Page - NXP Semiconductors SC28L92A1B Datasheet HTML 19Page - NXP Semiconductors SC28L92A1B Datasheet HTML 20Page - NXP Semiconductors SC28L92A1B Datasheet HTML 21Page - NXP Semiconductors SC28L92A1B Datasheet HTML 22Page - NXP Semiconductors SC28L92A1B Datasheet HTML 23Page - NXP Semiconductors SC28L92A1B Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
20
MR1A[4:3]or MR1B[4:3] to ‘11’ for Channels A and B, respectively.
In this mode of operation, a ‘master’ station transmits an address
character followed by data characters for the addressed ‘slave’
station. The slave stations, with receivers that are normally disabled,
examine the received data stream and ‘wakeup’ the CPU (by setting
RxRDY)only upon receipt of an address character. The CPU
compares the received address to its station address and enables
the receiver if it wishes to receive the subsequent data characters.
Upon receipt of another address character, the CPU may disable the
receiver to initiate the process again.
A transmitted character consists of a start bit, the programmed
number of data bits, and Address/Data (A/D) bit, and the
programmed number of stop bits. The polarity of the transmitted A/D
bit is selected by the CPU by programming bit MR1A[2]/MR1B[2].
MR1A[2]/MR1B[2] = 0 transmits a zero in the A/D bit position, which
identifies the corresponding data bits as data while
MR1A[2]/MR1B[2] = 1 transmits a one in the A/D bit position, which
identifies the corresponding data bits as an address. The CPU
should program the mode register prior to loading the corresponding
data bits into the TxFIFO.
In this mode, the receiver continuously looks at the received data
stream, whether it is enabled or disabled. If disabled, it sets the
RxRDY status bit and loads the character into the RxFIFO if the
received A/D bit is a one (address tag), but discards the received
character if the received A/D bit is a zero (data tag). If enabled, all
received characters are transferred to the CPU via the RxFIFO. In
either case, the data bits are loaded into the data FIFO while the
A/D bit is loaded into the status FIFO position normally used for
parity error (SRA[5] or SRB[5]). Framing error, overrun error, and
break detect operate normally whether or not the receive is enabled.
PROGRAMMING
The operation of the DUART is programmed by writing control words
into the appropriate registers. Operational feedback is provided via
status registers which can be read by the CPU. The addressing of
the registers is described in Table 1.
The contents of certain control registers are initialized to zero on
RESET. Care should be exercised if the contents of a register are
changed during operation, since certain changes may cause
operational problems.
For example, changing the number of bits per character while the
transmitter is active may cause the transmission of an incorrect
character. In general, the contents of the MR, the CSR, and the
OPCR should only be changed while the receiver(s) and
transmitter(s) are not enabled, and certain changes to the ACR
should only be made while the C/T is stopped.
Each channel has 3 mode registers (MR0, 1, 2) which control the
basic configuration of the channel. Access to these registers is
controlled by independent MR address pointers. These pointers are
set to 0 or 1 by MR control commands in the command register
“Miscellaneous Commands”. Each time the MR registers are
accessed the MR pointer increments, stopping at MR2. It remains
pointing to MR2 until set to 0 or 1 via the miscellaneous commands
of the command register. The pointer is set to 1 on reset for
compatibility with previous Philips Semiconductors UART software.
Mode, command, clock select, and status registers are duplicated
for each channel to provide total independent operation and control.
Refer to Table 2 for register bit descriptions. The reserved registers
at addresses H‘02’ and H‘0A’ should never be read during normal
operation since they are reserved for internal diagnostics.
Table 1. SC28L92 register addressing READ (RDN = 0), WRITE (WRN = 0)
0
0
0
0
Mode Register A (MR0A, MR1A, MR2A)
Mode Register A (MR0A, MR1A, MR2A)
0
0
0
1
Status Register A (SRA)
Clock Select Register A (CSRA)
0
0
1
0
Reserved
Command Register A (CRA)
0
0
1
1
Rx Holding Register A (RxFIFOA)
Tx Holding Register A (TxFIFOA)
0
1
0
0
Input Port Change Register (IPCR)
Aux. Control Register (ACR)
0
1
0
1
Interrupt Status Register (ISR)
Interrupt Mask Register (IMR)
0
1
1
0
Counter/Timer Upper (CTU)
C/T Upper Preset Register (CTPU)
0
1
1
1
Counter/Timer Lower (CTL)
C/T Lower Preset Register (CTPL)
1
0
0
0
Mode Register B (MR0B, MR1B, MR2B)
Mode Register B (MR0B, MR1B, MR2B)
1
0
0
1
Status Register B (SRB)
Clock Select Register B (CSRB)
1
0
1
0
Reserved
Command Register B (CRB)
1
0
1
1
Rx Holding Register B (RxFIFOB)
Tx Holding Register B (TxFIFOB)
1
1
0
0
Interrupt vector (68K mode)
Interrupt vector (68K mode)
1
1
0
0
Misc. register (Intel mode), IVR Motorola mode
Misc. register (Intel mode), IVR Motorola mode
1
1
0
1
Input Port (IPR)
Output Port Conf. Register (OPCR)
1
1
1
0
Start Counter Command
Set Output Port Bits Command (SOPR)
1
1
1
1
Stop Counter Command
Reset output Port Bits Command (ROPR)
NOTE:
1. The three MR registers are accessed via the MR Pointer and Commands 0x1n and 0xBn (where n = represents receiver and transmitter enable bits)


Similar Part No. - SC28L92A1B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92A1B NXP-SC28L92A1B Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L92A1BS NXP-SC28L92A1BS Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results

Similar Description - SC28L92A1B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L91 PHILIPS-SC28L91 Datasheet
273Kb / 42P
   3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
2000 Sep 22
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com