Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13036 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13036
Description  Automotive Contact Monitor and Level Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13036 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13036 Datasheet HTML 1Page - Maxim Integrated Products MAX13036 Datasheet HTML 2Page - Maxim Integrated Products MAX13036 Datasheet HTML 3Page - Maxim Integrated Products MAX13036 Datasheet HTML 4Page - Maxim Integrated Products MAX13036 Datasheet HTML 5Page - Maxim Integrated Products MAX13036 Datasheet HTML 6Page - Maxim Integrated Products MAX13036 Datasheet HTML 7Page - Maxim Integrated Products MAX13036 Datasheet HTML 8Page - Maxim Integrated Products MAX13036 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Automotive Contact Monitor
and Level Shifter
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VL = +2.7V to +5.5V, BAT = +6V to +26V, SD = VL, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VL = +3.3V,
BAT = +14V, TA = +25°C) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN0 to DO0 Propagation Delay
VBAT = 6V
22
35
IN1 to DO1 Propagation Delay
tPROP
VBAT = +14V
22
µs
CLK Frequency
fCLK
Input rise/fall time < 2ns,
VL = +3.0V to +5.5V
5
MHz
Falling Edge of
CS to Rising Edge
of CLK Required Setup Time
tLEAD
Input rise/fall time < 2ns,
VL = +3.0V to +5.5V, Figure 1
110
ns
Falling Edge of CLK to Rising
Edge of
CS Required Setup Time
tLAG
Input rise/fall time < 2ns,
VL = +3.0V to +5.5V, Figure 1
50
ns
SDI Valid to Falling Edge of CLK
Required Setup Time
tSI(SU)
Input rise/fall time < 2ns,
VL = +3.0V to +5.5V, Figure 1
30
ns
Falling Edge of CLK to SDI
Required Hold Time
tSI(HOLD)
Input rise/fall time < 2ns,
VL = +3.0V to +5.5V, Figure 1
20
ns
Time From Falling Edge of
CS to
SDO Low Impedance
tSO(EN)
Input rise/fall time < 2ns,
VL = +3.0V to +5.5V, Figure 1
55
ns
Time From Rising Edge of
CS to
SDO High Impedance
tSO(DIS)
VL = +3.0V to +5.5V, Figures 1 and 2
55
ns
Time from Rising Edge of CLK to
SDO Data Valid
tVALID
CSDO =15pF,
VL = +3.0V to +5.5V, Figure 1
70
ns
CTDEB = 500pF
3.18
5.9
9.42
Debounce time
tDEB
CTDEB = 10nF (Note 6)
63
120
188
ms
Scanning Time Pulse
tSCAN
130
250
400
µs
Scanning Time Period
tSCAN_P
SC2 = 0, SC1 = 1, SC0 = 1
4
8
14
ms
Wetting Time Pulse
tWET
WTOFF = 0
10
21
35
ms
Time from Shutdown To Normal
Operation
SD low-to-high transition to input
monitoring enabled
200
µs
Note 1: All units are 100% production tested at TA = +125°C. Limits over the operating temperature range are guaranteed by
correlation to the +125°C tests.
Note 2: The total supply current is the sum of the current flowing into VL, BAT, and BATREF.
Note 3: VTH_C = (VTH_HIGH + VTH_LOW)/2.
Note 4: VTH_HYS = (VTH_HIGH - VTH_LOW).
Note 5: Wetting current rise/fall time is measured as the time from 10% to 90% of the maximum wetting current.
Note 6: Guaranteed by design.


Similar Part No. - MAX13036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
MAX13036ATI++ MAXIM-MAX13036ATI+ Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
More results

Similar Description - MAX13036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
MAX13037 MAXIM-MAX13037 Datasheet
310Kb / 22P
   Automotive Contact Monitor and Level Shifters with LDO Regulator
Rev 0; 11/07
logo
Dialog Semiconductor
SLG7NT4249 DIALOG-SLG7NT4249 Datasheet
1Mb / 13P
   GreenPAK 3??DISCHARGE, PGOOD MONITOR AND LEVEL SHIFTER
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
Texas Instruments
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
[Old version datasheet]   10-Channel Level Shifter and VCOM Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com