Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28L198A1 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC28L198A1
Description  Octal UART for 3.3V and 5V supply voltage
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198A1 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC28L198A1 Datasheet HTML 13Page - NXP Semiconductors SC28L198A1 Datasheet HTML 14Page - NXP Semiconductors SC28L198A1 Datasheet HTML 15Page - NXP Semiconductors SC28L198A1 Datasheet HTML 16Page - NXP Semiconductors SC28L198A1 Datasheet HTML 17Page - NXP Semiconductors SC28L198A1 Datasheet HTML 18Page - NXP Semiconductors SC28L198A1 Datasheet HTML 19Page - NXP Semiconductors SC28L198A1 Datasheet HTML 20Page - NXP Semiconductors SC28L198A1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
17
activity of the Xon/Xoff logic is initiated by commands to the CRx
command forces the transmitter to disable exactly as though an Xoff
character had been received by the RxFIFO. The transmitter will
remain disabled until the chip is reset or the CR(7:3) = 10110 (Xoff
resume) command is given. In particular, reception of an Xon or
disabling or re–enabling the transmitter will NOT cause resumption
of transmission. Redundant CRTXon/off commands, i.e. CRTXon
CRTXon, are harmless, although they waste time. A CRTXon may
be used to cancel a CRTXoff (and vice versa), but both may be
transmitted depending on the timing with the transmit state machine.
The kill CRTX command can be used to cleanly terminate any
CRTX commands pending with the minimum impact on the
transmitter.
Note: In no case will an Xon/Xoff character transmission be aborted.
Once the character is loaded into the TX Shift Register, transmission
continues until completion or a chip reset is encountered.
The kill CRTX command has no effect in either of the Auto modes.
Mode control
Xon/Xoff mode control is accomplished via the MR0. Bits 3 and 2
reset to zero resulting in all Xon/Xoff processing being disabled. If
MR0[2] is set, the transmitter may be gated by Xon/Xoff characters
received. If MR0[3] is set, the transmitter will transmit Xon and Xoff
when triggered by attainment of fixed fill levels in the channel
RxFIFO. The MR0[7] bit also has an Xon/Xoff function control. If
this bit is set, a received Xon or Xoff character is not pushed into the
RxFIFO. If cleared, the power–on and reset default, the received
Xon or Xoff character is pushed onto the RxFIFO for examination by
the host CPU. The MR0(7) function operates regardless of the
value in MR0(3:2)
Xon/Xoff Interrupts
The Xon/Xoff logic generates interrupts only in response to
recognizing either of the characters in the XonCR or XoffCR (Xon or
Xoff Character Registers). The transmitter activity initiated by the
Xon/Xoff logic or any CR command does not generate an interrupt.
The character comparators operate regardless of the value in
MR0(3:2). Hence the comparators may be used as general purpose
character detectors by setting MR0(3:2)=’00’ and enabling the
Xon/Xoff interrupt in the IMR.
The Octal UART can present the Xon/Xoff recognition event to the
interrupt arbiter for IRQN generation. The IRQN generation may be
masked by setting bit 4 of the Interrupt Mask Register, IMR. The bid
level of an Xon/Xoff recognition event is controlled by the Bidding
Control Register X, BCRX, of the channel. The interrupt status can
be examined in ISR[4]. If cleared, no Xon/Xoff recognition event is
interrupting. If set, an Xon or Xoff recognition event has been
detected. The X Interrupt Status Register, XISR, can be read for
details of the interrupt and to examine other, non–interrupting, status
of the Xon/Xoff logic. Refer to the XISR in the Register
Descriptions.
The character recognition function and the associated interrupt
generation is disabled on hardware or software reset
.


Similar Part No. - SC28L198A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC28L194A1A PHILIPS-SC28L194A1A Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC28L194A1BE PHILIPS-SC28L194A1BE Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
More results

Similar Description - SC28L198A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC26C198 PHILIPS-SC26C198 Datasheet
358Kb / 49P
   Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Exar Corporation
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com