Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28L202 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 8Page - NXP Semiconductors SC28L202 Datasheet HTML 9Page - NXP Semiconductors SC28L202 Datasheet HTML 10Page - NXP Semiconductors SC28L202 Datasheet HTML 11Page - NXP Semiconductors SC28L202 Datasheet HTML 12Page - NXP Semiconductors SC28L202 Datasheet HTML 13Page - NXP Semiconductors SC28L202 Datasheet HTML 14Page - NXP Semiconductors SC28L202 Datasheet HTML 15Page - NXP Semiconductors SC28L202 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
6
52 Pin
PQFP
15
16
17
18
19
20
21
22
23
24
14
25
26
51
50
49
48
47
46
45
44
43
42
52
41
40
37
36
35
34
33
32
31
30
29
28
27
39
38
3
4
5
6
7
8
9
10
11
12
13
1
2
Pin Function Pin Function
1
RxDA
27
I/O5B
2
RESET
28
I/O4B
3
D7
29
I/O3B
4
D6
30
I/O2B
5
D5
31
I/O1B
6
D4
32
I/O0B
7
Vcc
33
Vcc
8
Vss
34
Vss
9
D3
35
I/O7A
10
D2
36
I/O6A
11
D1
37
I/O5A
12
D0
38
I/O4A
13
I / M
39
I/O3A
14
RxDB
40
I/O2A
15
A2
41
I/O1A
16
A1
42
I/O0A
17
A0
43
TxDA
18
(IACKN)
44
IRQN
19
Vcc
45 X1 / SCLK
20
Vss
46
X2
21
CEN
47
Vcc
22
WRN
48
Vss
23
RDN
49
A6
24
TxDB
50
A5
25
I/O7B
51
A4
26
I/O6B
52
A3
28L202
Pin Configuration
SD00692
80xxx
52 Pin PQFP
68xxx
52 Pin PQFP
Pin Function Pin Function
1
RxDA
27
I/O5B
2
RESETN 28
I/O4B
3
D7
29
I/O3B
4
D6
30
I/O2B
5
D5
31
I/O1B
6
D4
32
I/O0B
7
Vcc
33
Vcc
8
Vss
34
Vss
9
D3
35
I/O7A
10
D2
36
I/O6A
11
D1
37
I/O5A
12
D0
38
I/O4A
13
I / M
39
I/O3A
14
RxDB
40
I/O2A
15
A2
41
I/O1A
16
A1
42
I/O0A
17
A0
43
TxDA
18
IACKN
44
IRQN
19
Vcc
45 X1 / SCLK
20
Vss
46
X2
21
CEN
47
Vcc
22
RWN
48
Vss
23
DACKN
49
A6
24
TxDB
50
A5
25
I/O7B
51
A4
26
I/O6B
52
A3


Similar Part No. - SC28L202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L201 NXP-SC28L201 Datasheet
437Kb / 110P
   3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Rev. 01-31 October 2005
SC28L201A1DGG NXP-SC28L201A1DGG Datasheet
437Kb / 110P
   3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Rev. 01-31 October 2005
More results

Similar Description - SC28L202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com