Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28L202 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 58Page - NXP Semiconductors SC28L202 Datasheet HTML 59Page - NXP Semiconductors SC28L202 Datasheet HTML 60Page - NXP Semiconductors SC28L202 Datasheet HTML 61Page - NXP Semiconductors SC28L202 Datasheet HTML 62Page - NXP Semiconductors SC28L202 Datasheet HTML 63Page - NXP Semiconductors SC28L202 Datasheet HTML 64Page - NXP Semiconductors SC28L202 Datasheet HTML 65Page - NXP Semiconductors SC28L202 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
56
DC ELECTRICAL CHARACTERISTICS123 (NOMINAL 5 VOLTS)
Vcc = 5v
± 10% Ta = – 40 to +85 _C unless otherwise specified
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
VIL
Input low voltage
1.2
0.8
V
VIH
VIH Input high voltage (except X1/CLK)
–40 to +85
_C
2.4
1.5
V
VIH
Input high voltage (X1/CLK)
0.8*Vcc
2.4
V
VOL
Output low voltage
IOL = 4 ma
0.2
0.4
V
VOH
Output high voltage (except OD outputs)4
IOH = –400 ua
Vcc – 0.5
v
IIX1PD
X1/CLK input current – power down
VIN = 0 to VCC
0.5
0.05
0.5
µA
IILX1
X1/CLK input low current – operating
VIN = 0
–130
0
µA
IIHX1
X1/CLK input high current – operating
VIN = VCC
0
130
µA
Input leakage current:
Ii
Input leakage current:
All exceptinput port pins Input port pins5
VIN = 0 to VCC
–0.5
0.05
+0.5
µA
All exce t in ut ort ins In ut ort ins
VIN = 0 to VCC
–8
0.05
+0.5
µA
IOZH
Output off current high, 3–State data bus
VIN = VCC
0.5
µA
IOZL
Output off current low, 3–State data bus
VIN = 0V
–0.5
µA
IODL
Open–drain output low current in off–state
VIN = 0
–0.5
µA
IODH
Open–drain output high current in off–state
VIN = VCC
0.5
µA
Power supply current:6
ICC
Operating mode
CMOS input levels
25
ma
Power down mode7
CMOS input levels
≤1
5
µa
NOTES:
1. Parameters are valid over specified temperature range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0.4V and 3.0V with a transition time of 5 ns
maximum. For X1/CLK this swing is between 0.4V and 4.4V. All time measurements are referenced at input voltages of 0.8V and 2.0V and
output voltages of 0.8V and 2.0V, as appropriate.
3. Typical values are at +25
_C, typical supply voltages, and typical processing parameters.
4. Test conditions for outputs: CL = 150 pF, except interrupt outputs. Test conditions for interrupt outputs: CL = 50 pF, RL = 2.7K ohm to VCC.
5. Input port pins have active pull up transistors that will source a typical 2
µA from Vcc when the input pins are at Vss. Input port pins at VCC
source 0.0
µA
6. All outputs are disconnected. Inputs are switching between CMOS levels of VCC –0.2V and VSS + 0.2V.
7. See UART application note for power down currents of 10 ua or less.


Similar Part No. - SC28L202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L201 NXP-SC28L201 Datasheet
437Kb / 110P
   3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Rev. 01-31 October 2005
SC28L201A1DGG NXP-SC28L201A1DGG Datasheet
437Kb / 110P
   3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Rev. 01-31 October 2005
More results

Similar Description - SC28L202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com