Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28C94 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SC28C94 Datasheet HTML 30Page - NXP Semiconductors SC28C94 Datasheet HTML 31Page - NXP Semiconductors SC28C94 Datasheet HTML 32Page - NXP Semiconductors SC28C94 Datasheet HTML 33Page - NXP Semiconductors SC28C94 Datasheet HTML 34Page - NXP Semiconductors SC28C94 Datasheet HTML 35Page - NXP Semiconductors SC28C94 Datasheet HTML 36Page - NXP Semiconductors SC28C94 Datasheet HTML 37Page - NXP Semiconductors SC28C94 Datasheet HTML 38Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Philips Semiconductors
Product specification
SC28C94
Quad universal asynchronous receiver/transmitter (QUART)
1998 Aug 19
35
addressed register. The generation of DACKN begins with the start
of a bus cycle (Read, Write or Interrupt Acknowledge) and then
requires two edges of the X1 clock plus typically 70ns for its
assertion.
In this mode the writing of data to the QUART registers occurs on
the falling edge of DACKN or the rising edge of the combination of
CEN and WRN which ever occurs first. This requires that the data
to be written to the QUART registers be valid with respect to the
leading edge of the combination of CEN and WRN. (In the
synchronous mode it is the trailing edge)
IACKN updates the CIR (Current Interrupt Register) and places the
Interrupt Vector or Modified Interrupt Vector on the bus if the
Interrupt Vector is used.
The Synchronous Interface
In this mode the DACKN and IACKN are usually not used. Here
data is written to the QUART on the trailing edge of the
combination of CEN and WRN. The placing of data on the bus
during a read cycle begins with the leading edge of the combination
of CEN and RDN.
The read cycle will terminate with the rise of CEN or RDN which
ever one occurs first. In this mode bus cycles are usually setup to be
the minimum time required by the QUART and hence will be faster
than bus cycles that are defined by the DACKN signal. DACKN
should be turned off in this mode.
When IACKN is not used or is not available the command at 2Ah
should be used to update the CIR (Current Interrupt Register). This
register is normally updated by IACKN in response to the IRQN.
Note that the CIR is not updated by IRQN since there could be a
long time between the assertion of IRQN and the start of the
interrupt service routine. During this time it is quite possible that
another interrupt with a higher priority occurs. It is the CIR that
contains the information that describes the interrupt source and its
priority. It is therefor recommended that the first operation upon
entering the interrupt service routine is the updating of the CIR.
(Recall that the contents of the GLOBAL registers reflect the content
of the CIR)
Summary
In the asynchronous mode all of the interface pins are usually used.
The synchronous mode usually will not use the IACKN and DACKN.
However there is no conflict in the quart if both modes are used in
the same application. (i.e. More than one device may control the
QUART) The principles to keep in mind are:
1. When IACKN is not used the CIR should be updated via
command.
2. If DACKN is not used it should be disabled.
3. When in the asynchronous mode be sure DACKN is enabled.
4. With 68xxx type controllers the RDN signal must be generated.


Similar Part No. - SC28C94

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28C198A1A PHILIPS-SC28C198A1A Datasheet
345Kb / 56P
   Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
More results

Similar Description - SC28C94

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C94 PHILIPS-SC26C94 Datasheet
211Kb / 33P
   Quad universal asynchronous receiver/transmitter QUART
1995 May 1
SC68C94 PHILIPS-SC68C94 Datasheet
215Kb / 33P
   Quad universal asynchronous receiver/transmitter QUART
1995 May 1
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
ST16C454 EXAR-ST16C454_05 Datasheet
177Kb / 29P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
[Old version datasheet]   Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com