Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH64D64AKQH-75 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MH64D64AKQH-75
Description  4,294,967,296-BIT (67,108,864-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH64D64AKQH-75 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH64D64AKQH-75 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH64D64AKQH-75 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH64D64AKQH-75 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH64D64AKQH-75 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH64D64AKQH-75 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH64D64AKQH-75 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH64D64AKQH-75 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH64D64AKQH-75 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH64D64AKQH-75 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MH64D64AKQH-75,-10
4,294,967,296-BIT (67,108,864-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0418-0.1
17.May.2001
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI LSIs
MITSUBISHI
ELECTRIC
1
DESCRIPTION
APPLICATION
Main memoryunit for Note PC, Mobile etc.
FEATURES
Type name
133MHz
MH64D64AKQH-10
MH64D64AKQH-75
Max.
Frequency
100MHz
The MH64D64AKQH is 67108864 - word x 64-bit Double
Data Rate(DDR) Sy nchronous DRAM mounted module.
This consists of 16 industry standard 32M x 8 DDR
Sy nchronous DRAMs in Small TSOP with SSTL_2 interf ace
which achiev es v ery high speed data rate up to 133MHz.
This socket-ty pe memory m odule is suitable f or main
memory in computer systems and easy to interchange or
add modules.
CLK
Access Time
[component level]
+ 0.75ns
+ 0.8ns
(Front)
(Back)
1
2
199
200
PCB Outline
- Utilizes industry standard 32M X 8 DDR Synchronous DRAMs
in Smal TSOP package , industry standard EEPROM(SPD) in
TSSOP package
- 200pin SO-DIMM
-
Vdd=Vddq=2.5v ±0.2V
- Double data rate architecture; two data transf ers per
clock cyc le
- Bidirectional, data strobe (DQS) is transmitted/receiv ed
with data
- Diff erential clock inputs (CLK and /CLK)
- DLL aligns DQ and DQS transitions with CLK transition edges of DQS
- Commands entered on each positiv e CLK edge
- Data and data mask ref erenced to both edges of DQS
- 4bank operation concontrolled by BA0,BA1(Bank Address
,discrete)
- /CAS latency - 2.0/2.5 (programmable)
- Burst length- 2/4/8 (programmable)
- Burst Ty pe - sequential/interleav e(programmable)
- Auto precharge / All bank precharge controlled by A10
- 8192 ref resh cyc les /64ms
- Auto ref resh and Self ref resh
- Row address A0-12 / Column address A0-9
- SSTL_2 Interf ace
- Module 2bank Conf igration


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH64D72KLG-75 4 831 838 208-BIT 67 108 864-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH64D72KLH-75 4 831 838 208-BIT 67 108 864-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D64AKQJ-75 2 147 483 684-BIT 33 554 432-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH8D64AKQC-75 536 870 912-BIT 8 388 608-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D64KQH-75 2 147 483 648-BIT 33 554 432-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16D64AKQC-75 1 073 741 824-BIT 16 777 216-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16D72AKLB-10 1 207.959 552-BIT 16 777 216-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH28D72KLG-75 9 663 676 416-BIT 134 217 728-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn