Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFMJ044 Datasheet(PDF) 7 Page - International Rectifier

Part # IRFMJ044
Description  POWER MOSFET SURFACE MOUNT (D3 PAK)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFMJ044 Datasheet(HTML) 7 Page - International Rectifier

  IRFMJ044 Datasheet HTML 1Page - International Rectifier IRFMJ044 Datasheet HTML 2Page - International Rectifier IRFMJ044 Datasheet HTML 3Page - International Rectifier IRFMJ044 Datasheet HTML 4Page - International Rectifier IRFMJ044 Datasheet HTML 5Page - International Rectifier IRFMJ044 Datasheet HTML 6Page - International Rectifier IRFMJ044 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRFMJ044
 ISD ≤ 35A, di/dt ≤ 100A/µs,
VDD ≤ 60V, TJ ≤ 150°C
à Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
À Repetitive Rating; Pulse width limited by
maximum junction temperature.
Á VDD = 25V, starting TJ = 25°C, L= 0.5mH
Peak IL = 35A, VGS = 10V
Footnotes:
Case Outline and Dimensions — D3 PAK
1 = DRAIN
2 = SOURCE
3 = GATE
PIN ASS IGNMENTS
1 2 3
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 09/2006


Similar Part No. - IRFMJ044

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFMJ044 IRF-IRFMJ044 Datasheet
245Kb / 7P
   Simple Drive Requirements
IRFMJ044 IRF-IRFMJ044_15 Datasheet
245Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFMJ044

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
NSD03A40 ZHAOXINGWEI-NSD03A40 Datasheet
119Kb / 2P
   FLAT-PAK Surface Mount Device
logo
Mospec Semiconductor
SBD620 MOSPEC-SBD620 Datasheet
155Kb / 2P
   SWITCHMODE POWER RECTIFIERS D PAK SURFACE MOUNT POWER PACKAGE
logo
Fairchild Semiconductor
KSH127 FAIRCHILD-KSH127 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
   D-PAK for Surface Mount Applications
KSH117I FAIRCHILD-KSH117I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
KSH112I FAIRCHILD-KSH112I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
MJD117 FAIRCHILD-MJD117 Datasheet
59Kb / 5P
   D-PAK for Surface Mount Applications
KSH112 FAIRCHILD-KSH112 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
KSH117 FAIRCHILD-KSH117 Datasheet
58Kb / 6P
   D-PAK for Surface Mount Applications
MJD127 FAIRCHILD-MJD127 Datasheet
51Kb / 5P
   D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com