Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFM054 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFM054
Description  POWER MOSFET THRU-HOLE (TO-254AA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFM054 Datasheet(HTML) 6 Page - International Rectifier

  IRFM054 Datasheet HTML 1Page - International Rectifier IRFM054 Datasheet HTML 2Page - International Rectifier IRFM054 Datasheet HTML 3Page - International Rectifier IRFM054 Datasheet HTML 4Page - International Rectifier IRFM054 Datasheet HTML 5Page - International Rectifier IRFM054 Datasheet HTML 6Page - International Rectifier IRFM054 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRFM054
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R )D S S
I AS
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
1
0
.


Similar Part No. - IRFM054

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFM054 SEME-LAB-IRFM054 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFM054 IRF-IRFM054 Datasheet
193Kb / 7P
   Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFM054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM350 IRF-IRFM350 Datasheet
203Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
New Jersey Semi-Conduct...
IRFM250 NJSEMI-IRFM250 Datasheet
614Kb / 2P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM064 IRF-IRFM064 Datasheet
198Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM9240 IRF-IRFM9240 Datasheet
190Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM8240 IRF-IRFM8240 Datasheet
191Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM460 IRF-IRFM460 Datasheet
204Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
New Jersey Semi-Conduct...
IRFM240 NJSEMI-IRFM240 Datasheet
854Kb / 3P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM250 IRF-IRFM250 Datasheet
163Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM450 IRF-IRFM450 Datasheet
181Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM9140 IRF-IRFM9140 Datasheet
214Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com