Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI4321PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFI4321PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI4321PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFI4321PBF Datasheet HTML 1Page - International Rectifier IRFI4321PBF Datasheet HTML 2Page - International Rectifier IRFI4321PBF Datasheet HTML 3Page - International Rectifier IRFI4321PBF Datasheet HTML 4Page - International Rectifier IRFI4321PBF Datasheet HTML 5Page - International Rectifier IRFI4321PBF Datasheet HTML 6Page - International Rectifier IRFI4321PBF Datasheet HTML 7Page - International Rectifier IRFI4321PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFI4321PbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.85mH
RG = 25Ω, IAS = 20A, VGS =10V. Part not recommended for use
above this value.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
190
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12.2
16
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
1.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
0.8
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
50
–––
–––
S
Qg
Total Gate Charge
–––
73
110
nC
Qgs
Gate-to-Source Charge
–––
24
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
20
–––
td(on)
Turn-On Delay Time
–––
18
–––
ns
tr
Rise Time
–––
29
–––
td(off)
Turn-Off Delay Time
–––
27
–––
tf
Fall Time
–––
20
–––
Ciss
Input Capacitance
–––
4440
–––
pF
Coss
Output Capacitance
–––
390
–––
Crss
Reverse Transfer Capacitance
–––
84
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
34
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
140
A
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
86
130
ns
ID = 20A
Qrr
Reverse Recovery Charge
–––
310
470
nC VR = 128V,
IRRM
Reverse Recovery Current
–––
6.7
–––
A
di/dt = 100A/µs
e
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 10V
e
VDD = 75V
TJ = 25°C, IS = 20A, VGS = 0V
e
integral reverse
p-n junction diode.
showing the
ID = 20A
RG = 2.5Ω
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
e
VGS = 10V, ID = 20A
e
VDS = VGS, ID = 250µA
VDS = 150V, VGS = 0V
VDS = 150V, VGS = 0V, TJ = 125°C
MOSFET symbol
VDS = 75V
Conditions
VGS = 10V
e
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
Conditions
VDS = 50V, ID = 20A
ID = 20A
VGS = 20V
VGS = -20V


Similar Part No. - IRFI4321PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI4321PBF IRF-IRFI4321PBF Datasheet
290Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFI4321PBF INFINEON-IRFI4321PBF Datasheet
599Kb / 9P
   Motion Control Applications
2017-04-27
logo
International Rectifier
IRFI4321PBF IRF-IRFI4321PBF_15 Datasheet
290Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFI4321PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com