Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB9083H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAB9083H
Description  Multistandard Picture-In-Picture PIP controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9083H Datasheet(HTML) 5 Page - NXP Semiconductors

  SAB9083H Datasheet HTML 1Page - NXP Semiconductors SAB9083H Datasheet HTML 2Page - NXP Semiconductors SAB9083H Datasheet HTML 3Page - NXP Semiconductors SAB9083H Datasheet HTML 4Page - NXP Semiconductors SAB9083H Datasheet HTML 5Page - NXP Semiconductors SAB9083H Datasheet HTML 6Page - NXP Semiconductors SAB9083H Datasheet HTML 7Page - NXP Semiconductors SAB9083H Datasheet HTML 8Page - NXP Semiconductors SAB9083H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1999 Nov 12
5
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9083
n.c.
52 to 60
not connected
VSSD(RP)
61
S
digital ground for memory periphery
VSSD(T8) and VSSD(T9)
62 and 63
S
digital ground for test
VDDD(P2)
64
S
digital supply voltage for periphery
VSSD(P2)
65
S
digital ground for periphery
VSSD(D)
66
S
digital ground for digital core
VDDD(D)
67
S
digital supply voltage for digital core
FBL
68
O
fast blanking control signal output (CMOS levels; +5 V tolerant)
PKOFF
69
O
peak off control signal output (CMOS levels; +5 V tolerant)
DVSYNC
70
I
vertical sync display channel input (CMOS levels; +5 V tolerant)
DCLK
71
I
test clock input (28 MHz; CMOS levels)
SVSYNC
72
I
vertical sync for subchannel input (CMOS levels; +5 V tolerant)
SCL
73
I/O
input/output serial clock (I2C-bus; CMOS levels; +5 V tolerant)
SDA
74
I/O
input/output serial data/acknowledge output (I2C-bus; +5 V tolerant)
POR
75
I
power-on reset input (CMOS levels; pull-up resistor connected to VDD)
VDDA(SA)
76
S
analog supply voltage for subchannel ADCs
VSSA(SA)
77
S
analog ground for subchannel ADCs
VDDA(SF)
78
S
analog supply voltage for subchannel front-end buffers and clamps
SU
79
I
analog U input for subchannel
Vref(B)(SA)
80
I/O
input/output analog bottom reference voltage for subchannel ADCs
SV
81
I
analog V input for subchannel
Vref(T)(SA)
82
I/O
input/output analog top reference voltage for subchannel ADCs
SY
83
I
analog Y input for subchannel
Vbias(SA)
84
I/O
analog bias reference voltage for subchannel ADCs
VSSD(SA)
85
S
digital ground for subchannel ADCs
VDDD(SA)
86
S
digital supply voltage for subchannel ADCs
SHSYNC
87
I
horizontal sync input for subchannel (Vi <VSHSYNC)
T6
88
I/O
test data input/output bit 7 (CMOS levels)
VDDA(SP)
89
S
analog supply voltage for subchannel PLL
VSSA(SP)
90
S
analog ground for subchannel PLL
VSSA(DP)
91
S
analog ground for display channel PLL
VDDA(DP)
92
S
analog supply voltage for display channel PLL
T7
93
I/O
test data input/output bit 6 (CMOS levels)
DHSYNC
94
I
horizontal sync input for display channel (Vi <VDHSYNC)
VDDD(MA)
95
S
digital supply voltage for main channel ADCs
VSSD(MA)
96
S
digital ground for main channel ADCs
Vbias(MA)
97
I/O
analog bias reference voltage for main channel ADCs
MY
98
I
analog Y input for main channel
Vref(T)(MA)
99
I/O
analog top reference voltage for main channel ADCs
MV
100
I
analog V input for main channel
SYMBOL
PIN
TYPE
DESCRIPTION


Similar Part No. - SAB9083H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080H PHILIPS-SAB9080H Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9081H PHILIPS-SAB9081H Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
More results

Similar Description - SAB9083H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9075H PHILIPS-SAB9075H Datasheet
211Kb / 40P
   Picture-in-Picture PIP controller for NTSC
February 1995
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAA9068 PHILIPS-SAA9068 Datasheet
505Kb / 15P
   Picture-In-Picture Controller(PIPCO)
November 1987
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com