Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB9082 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAB9082
Description  NTSC Picture-In-Picture PIP controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9082 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAB9082 Datasheet HTML 7Page - NXP Semiconductors SAB9082 Datasheet HTML 8Page - NXP Semiconductors SAB9082 Datasheet HTML 9Page - NXP Semiconductors SAB9082 Datasheet HTML 10Page - NXP Semiconductors SAB9082 Datasheet HTML 11Page - NXP Semiconductors SAB9082 Datasheet HTML 12Page - NXP Semiconductors SAB9082 Datasheet HTML 13Page - NXP Semiconductors SAB9082 Datasheet HTML 14Page - NXP Semiconductors SAB9082 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1999 Nov 12
11
Philips Semiconductors
Preliminary specification
NTSC Picture-In-Picture (PIP) controller
SAB9082
BGHFP AND BGVFP
These bits control the horizontal and vertical positioning of
the PIP configuration on the screen. The horizontal range
is adjustable in 16 steps of four 28 MHz clock periods.
The vertical range is 16 steps of 1 line/field.
The background colour can be adjusted with bits BSel,
SBBrt and SBCol.
SDHFP AND SDVFP
These bytes control the horizontal and vertical positioning
of the subchannel PIPs on the screen. The horizontal
range is 256 steps of eight 28 MHz clock periods.
The vertical range is 256 steps of 1 line/field.
MAHFP, SAHFP AND SAVFP
Bits MAHfp<3:0>, bits SAHfp<3:0> and byte SAVfp
control the horizontal and vertical inset starting-points of
the acquired data. The horizontal range is 16 steps of eight
28 MHz clock periods when SV2 is set to logic 1. When
SV2 is set to logic 0, the horizontal range is restricted to
eight steps. The vertical range is 256 steps of 1 line/field.
DUVPOL, DVSPOL, DFPOL AND DHSYNC
These bits control the PLL/deflection settings. With
DUVPol, the polarity of the border UV signals can be
inverted when the deflection circuit after the SAB9082
expects inverted signals. With DVSPol set to logic 0, the
SAB9082 triggers on positive edges of the DVSYNC.
If DVSPol is set to logic 1, it triggers on negative edges.
Bit DFPol can invert the field ID of the incoming fields.
Bit DHsync determines the timing of the DHSYNC pulse.
If it is set to logic 0, a burstkey is expected and if it is set to
logic 1, a horizontal sync is expected at pin DHSYNC.
SUVPOL, SVSPOL, SFPOL AND SHSYNC
These bits control the PLL/decoder settings. With SUVPol,
the polarity of the video UV signals can be inverted when
the decoder circuit before the SAB9082 emits inverted
signals. With SVSPol set to logic 0, the SAB9082 triggers
on positive edges of the SVSYNC. If it is set to logic 1, it
triggers on the negative edges. Bit SFPol can invert the
field ID of the incoming fields. Bit SHsync determines the
timing of the SHSYNC pulse. If it is set to logic 0, a
burstkey is expected and if it is set to logic 1, a horizontal
sync is expected at pin SHSYNC.
MFIDPON AND SFIDPON
Bits MFidPOn (main field identification position on) and
SFidPOn (subfield identification position on) enable the
field identification position fine tuning. The default value is
off (logic 0), no fine positioning. When on (logic 1), the field
identification position is determined by the value of
MainFidPos and SubFidPos.
BGON
Bit BGOn determines whether the background is visible.
The background has a size of 720 pixels and 240 lines for
NTSC. The background colour can be adjusted with
bits BSel, SBBrt and SBCol.
BON, SBBRT, SBCOL AND BSEL
Bit BOn can switch the sub-borders on (logic 1) or off
(logic 0). Bits SBBrt<1:0> and SBCol<2:0> set the
brightness and colour type of the selected border.
The brightness is set in four levels of 30%, 50%, 70% and
100% IRE. The colour type is one of black (grey), blue, red,
magenta, green, cyan, yellow or white (grey).For black and
white, a finer scale is available Bits BSel<1:0> select
which colour is set, background or border, see Table 3.
Table 3
BSel modes
MDHFP AND MDVFP
These bytes control the horizontal and vertical positioning
of the main PIP on the screen. The horizontal range is
256 steps of eight 28 MHz clock periods. The vertical
range is 256 steps of 1 line/field.
MHRED
Bits MHRed<5:0>, in a range from 0 to 48, determine the
horizontal reduction factor MHRed/96. If they are set to
logic 0, the PIP is off. If they are set to the maximum value
of 48, the horizontal reduction factor is 0.5.
BSel<1:0>
BORDER COLOUR SET
00
main
01
sub
10
background
11
sub-border select


Similar Part No. - SAB9082

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080H PHILIPS-SAB9080H Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9081H PHILIPS-SAB9081H Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
More results

Similar Description - SAB9082

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9075H PHILIPS-SAB9075H Datasheet
211Kb / 40P
   Picture-in-Picture PIP controller for NTSC
February 1995
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAA9068 PHILIPS-SAA9068 Datasheet
505Kb / 15P
   Picture-In-Picture Controller(PIPCO)
November 1987
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com