Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX2N6796U Datasheet(PDF) 4 Page - International Rectifier

Part # JANTX2N6796U
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6796U Datasheet(HTML) 4 Page - International Rectifier

  JANTX2N6796U Datasheet HTML 1Page - International Rectifier JANTX2N6796U Datasheet HTML 2Page - International Rectifier JANTX2N6796U Datasheet HTML 3Page - International Rectifier JANTX2N6796U Datasheet HTML 4Page - International Rectifier JANTX2N6796U Datasheet HTML 5Page - International Rectifier JANTX2N6796U Datasheet HTML 6Page - International Rectifier JANTX2N6796U Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFE130
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
8.0A
0.1
1
10
100
0.2
0.8
1.4
2.0
2.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 150 C
J
°
T = 25 C
J
°
0
6
12
18
24
30
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
7.4 A
V
= 20V
DS
V
= 50V
DS
V
= 80V
DS
1
10
100
0
200
400
600
800
1000
1200
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0.1
1
10
100
1000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms


Similar Part No. - JANTX2N6796U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
logo
List of Unclassifed Man...
JANTX2N6796 ETC2-JANTX2N6796 Datasheet
47Kb / 5P
   100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
Microsemi Corporation
JANTX2N6796 MICROSEMI-JANTX2N6796 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
logo
International Rectifier
JANTX2N6796 IRF-JANTX2N6796 Datasheet
134Kb / 7P
   Repetitive Avalanche Ratings
logo
Microsemi Corporation
JANTX2N6796E3 MICROSEMI-JANTX2N6796E3 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
More results

Similar Description - JANTX2N6796U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE220 IRF-IRFE220 Datasheet
228Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE320 IRF-IRFE320 Datasheet
236Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE220 IRF-IRFE220_07 Datasheet
197Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9110 IRF-IRFE9110 Datasheet
124Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE120 IRF-IRFE120_07 Datasheet
295Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9210 IRF-IRFE9210 Datasheet
134Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE230 IRF-IRFE230 Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9110 IRF-IRFE9110 Datasheet
124Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9220 IRF-IRFE9220 Datasheet
137Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9230 IRF-IRFE9230 Datasheet
203Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com