Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX5062 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX5062
Description  125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5062 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
125V/2A, High-Speed,
Half-Bridge MOSFET Drivers
_______________________________________________________________________________________
5
UNDERVOLTAGE LOCKOUT
(VDD AND VBST RISING) vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
6.6
6.7
6.8
6.9
7.0
7.1
7.2
7.3
7.4
7.5
6.5
-40
125
UVLOVDD
UVLOBST
VDD AND BST UNDERVOLTAGE LOCKOUT
HYSTERESIS vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
125
UVLOBST
HYSTERESIS
UVLOVDD
HYSTERESIS
IDD vs. VDD
MAX5062/3/4 toc03
40
μs/div
VDD
2V/div
500
μA/div
0A
0V
IDD
MAX5064
IN_L-, IN_H- = VDD
IN_L+, IN_H+ = GND
IDDO + IBSTO vs. VDD
(fSW = 250kHz)
VDD (V)
12
10 11
3456789
12
1.0
0.8
0.6
0.4
0.2
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
013
0
60
40
20
80
100
120
140
160
180
200
0.5
0.7
0.6
0.8
0.9
1.0
1.1
INTERNAL BST DIODE
(I-V) CHARACTERISTICS
VDD - VBST (V)
TA = +125
°C
TA = +25
°C
TA = 0
°C
TA = -40
°C
0
60
40
20
80
100
120
140
160
04
26
8
10
15
3
7
9
1112131415
VDD QUIESCENT CURRENT
vs. VDD (NO SWITCHING)
VDD (V)
TA = -40
°C
TA = +125
°C
MAX5064
TA = +25
°C, TA = 0°C
0
6
3
9
12
15
18
21
04
26
8
10
15
3
7
9
1112131415
BST QUIESCENT CURRENT
vs. BST VOLTAGE
VBST (V)
VBST = VDD + 1V,
NO SWITCHING
TA = +125
°C
TA = -40
°C, TA = 0°C, TA = +25°C
Typical Operating Characteristics
(Typical values are at VDD = VBST = +12V and TA = +25°C, unless otherwise specified.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn