Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4886 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4886
Description  Quad, High-Speed HDMI/DVI 2:1 Digital Video Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4886 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4886 Datasheet HTML 1Page - Maxim Integrated Products MAX4886 Datasheet HTML 2Page - Maxim Integrated Products MAX4886 Datasheet HTML 3Page - Maxim Integrated Products MAX4886 Datasheet HTML 4Page - Maxim Integrated Products MAX4886 Datasheet HTML 5Page - Maxim Integrated Products MAX4886 Datasheet HTML 6Page - Maxim Integrated Products MAX4886 Datasheet HTML 7Page - Maxim Integrated Products MAX4886 Datasheet HTML 8Page - Maxim Integrated Products MAX4886 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Quad, High-Speed HDMI/DVI 2:1 Digital Video
Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VDD ...........................................................................-0.3V to +4V
SEL (Note 1) ...............................................-0.3V to (VDD + 0.3V)
COM_, NC_, NO_ .......................................-0.3V to (VDD + 0.3V)
Continuous Current Through Any Switch .......................±120mA
Peak Current Through Any Switches
(Pulsed at 1ms, 10% duty cycle).................................±240mA
Continuous Power Dissipation (TA = +70°C)
42-Pin Thin QFN-EP (derate 35.7mW/°C above
+70°C).....................................................................2857.1mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature .................................................... +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +3.0V to +3.6V, TA = TMIN to TMAX. Typical values are at VDD = +3.3V, TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
3.0
3.6
V
Quiescent Supply Current
IDD
+3V
≤ VDD ≤ +3.6V; SEL = 0V or VDD
600
1100
µA
ANALOG SWITCH
TA = +25°C
8
11
VDD = +3V, 0V
≤ VCOM_
≤ VDD, ICOM_ = -40mA
TA = TMIN to
TMAX
15
TA = +25°C
8
11
On-Resistance (Note 3)
RON
VDD = +3V,
ICOM_ = -40mA,
0
≤ VCOM_ ≤ 1.5V
TA = TMIN to
TMAX
15
Ω
TA = +25°C
0.28
0.40
VDD = +3V, 1.5V
≤ VCOM_ ≤ VDD,
ICOM_ = -40mA
TA = TMIN to
TMAX
0.8
TA = +25°C
0.28
0.40
On-Resistance Matching
(Notes 3, 4)
ΔRON
VDD = +3V, 0
≤ VCOM_
≤ 1.5V, ICOM_= -40mA
TA = TMIN to
TMAX
0.8
Ω
TA = +25°C
0.02
0.60
VDD = +3V,
ICOM_ = -40mA,
1.5V < VCOM_ < VDD
TA = TMIN to
TMAX
1
TA = +25°C
0.02
0.60
On-Resistance Flatness
(Note 3)
RFLAT(ON)
VDD = +3V,
ICOM_ = -40mA,
0
≤ VCOM_ ≤ 1.5V
TA = TMIN to
TMAX
1
Ω
Leakage Current
IL
VDD = +3.6V, VCOM_ = +0.3V, +3.3V,
VNC_ or VNO_ = +3.3V, 0.3V
-1
+1
µA
SWITCH DYNAMIC
Off-Capacitance
COFF
f = 1MHz, VCOM_ = VNC_ or VNO_
1.5
pF
Note 1: Signal exceeding VDD or GND are clamped by internal diodes. Limit forward-diode current to maximum current rating.


Similar Part No. - MAX4886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4886EVKIT MAXIM-MAX4886EVKIT Datasheet
282Kb / 8P
   Self-Powered from HDMI Source
Rev 0; 3/08
MAX4886EVKIT++ MAXIM-MAX4886EVKIT+ Datasheet
282Kb / 8P
   Self-Powered from HDMI Source
Rev 0; 3/08
More results

Similar Description - MAX4886

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
logo
ON Semiconductor
NCS6433 ONSEMI-NCS6433 Datasheet
144Kb / 9P
   Wideband Quad 2:1 Video Switch
August, 2008 ??Rev. 1
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
Texas Instruments
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com