Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBZ5221BW Datasheet(PDF) 1 Page - Won-Top Electronics

Part No. MMBZ5221BW
Description  200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WTE [Won-Top Electronics]
Homepage  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBZ5221BW Datasheet(HTML) 1 Page - Won-Top Electronics

  MMBZ5221BW Datasheet HTML 1Page - Won-Top Electronics MMBZ5221BW Datasheet HTML 2Page - Won-Top Electronics MMBZ5221BW Datasheet HTML 3Page - Won-Top Electronics MMBZ5221BW Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBZ5221BW – MMBZ5262BW
1 of 4
© 2006 Won-Top Electronics
Pb
MMBZ5221BW– MMBZ5262BW
200mW SURFACE MOUNT ZENER DIODE
Features
Planar Die Construction
L
200mW Power Dissipation
A
2.4 – 51V Nominal Zener Voltage
5% Standard Vz Tolerance
Designed for Surface Mount Application
B
C
Plastic Material – UL Recognition Flammability
Classification 94V-O
M
E
D
H
Mechanical Data
Case: SOT-323, Molded Plastic
K
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
G
Polarity: See Diagram
Weight: 0.006 grams (approx.)
Mounting Position: Any
Marking: Device Code, See Page 2
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
TOP VIEW
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1)
Pd
200
mW
Forward Voltage @ IF = 10mA
VF
0.9
V
Thermal Resistance Junction to Ambient (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Valid provided that device terminals are kept at ambient temperature.
WTE
POWER SEMICONDUCTORS
SOT-323
Dim
Min
Max
A
0.30
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.10
K
0.90
1.10
L
0.25
M
0.05
0.15
All Dimensions in mm


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT52C2V4S200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 5 Won-Top Electronics
BZX84C2V4W_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
AZ23C5V6W_1200mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
MMBZ5221BW_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BS_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4W200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 5 Won-Top Electronics
BZX84C2V4_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn