Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6216 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6216
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6216 Datasheet(HTML) 2 Page - International Rectifier

  IRF6216 Datasheet HTML 1Page - International Rectifier IRF6216 Datasheet HTML 2Page - International Rectifier IRF6216 Datasheet HTML 3Page - International Rectifier IRF6216 Datasheet HTML 4Page - International Rectifier IRF6216 Datasheet HTML 5Page - International Rectifier IRF6216 Datasheet HTML 6Page - International Rectifier IRF6216 Datasheet HTML 7Page - International Rectifier IRF6216 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF6216
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
2.7
–––
–––
SVDS = -50V, ID = -1.3A
Qg
Total Gate Charge
–––
33
49
ID = -1.3A
Qgs
Gate-to-Source Charge
–––
7.2
11
nC
VDS = -120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
15
23
VGS = -10V,
td(on)
Turn-On Delay Time
–––
18
–––
VDD = -75V
tr
Rise Time
–––
15
–––
ID = -1.3A
td(off)
Turn-Off Delay Time
–––
33
–––
RG = 6.5Ω
tf
Fall Time
–––
26
–––
VGS = -10V
ƒ
Ciss
Input Capacitance
–––
1280 –––
VGS = 0V
Coss
Output Capacitance
–––
220
–––
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
53
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
1290 –––
VGS = 0V, VDS = -1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
99
–––
VGS = 0V, VDS = -120V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
220
–––
VGS = 0V, VDS = 0V to -120V
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
200
mJ
IAR
Avalanche Current

–––
-4.0
A
Avalanche Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -1.3A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
80
120
nS
TJ = 25°C, IF = -1.3A
Qrr
Reverse RecoveryCharge
–––
310
460
nC
di/dt = -100A/µs
ƒ
Diode Characteristics
-2.2
-19
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-150
–––
–––
VVGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.17
–––
V/°C
Reference to 25°C, ID = -1mA
ƒ
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.240
VGS = -10V, ID = -1.3A
ƒ
VGS(th)
Gate Threshold Voltage
-3.0
–––
-5.0
V
VDS = VGS, ID = -250µA
–––
–––
-25
µA
VDS = -150V, VGS = 0V
–––
–––
-250
VDS = -120V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
100
nA
VGS = 20V
IGSS
IDSS
Drain-to-Source Leakage Current
S
D
G


Similar Part No. - IRF6216

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6216PBF IRF-IRF6216PBF Datasheet
124Kb / 8P
   HEXFET Power MOSFET
IRF6216PBF IRF-IRF6216PBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6216PBF-1 IRF-IRF6216PBF-1 Datasheet
199Kb / 8P
   Industry-standard pinout SO-8 Package
IRF6216PBF-1 IRF-IRF6216PBF-1_15 Datasheet
199Kb / 8P
   HEXFET Power MOSFET
IRF6216PBF IRF-IRF6216PBF_15 Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
More results

Similar Description - IRF6216

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com