Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2043 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2043
Description  1700MHz to 3000MHz High-Linearity, Low LO Leakage Base-Station Rx/Tx Mixer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2043 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2043 Datasheet HTML 5Page - Maxim Integrated Products MAX2043 Datasheet HTML 6Page - Maxim Integrated Products MAX2043 Datasheet HTML 7Page - Maxim Integrated Products MAX2043 Datasheet HTML 8Page - Maxim Integrated Products MAX2043 Datasheet HTML 9Page - Maxim Integrated Products MAX2043 Datasheet HTML 10Page - Maxim Integrated Products MAX2043 Datasheet HTML 11Page - Maxim Integrated Products MAX2043 Datasheet HTML 12Page - Maxim Integrated Products MAX2043 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1700MHz to 3000MHz High-Linearity,
Low LO Leakage Base-Station Rx/Tx Mixer
_______________________________________________________________________________________
9
Typical Operating Characteristics
(MAX2043 Typical Application Circuit, C2 = 22pF, VCC = +5.0V, PLO = 0dBm, LOSEL = “1” (LO1 selected), PIF = 0dBm, fRF = fLO - fIF,
fIF = 90MHz, unless otherwise noted.)
Upconverter Curves
CONVERSION LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
5
6
7
8
9
4
1500
2400
TC = +85
°C
TC = -40
°C
TC = +25
°C
CONVERSION LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
5
6
7
8
9
4
1500
2400
PLO = -3dBm, 0dBm, +3dBm, +6dBm
CONVERSION LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
5
6
7
8
9
4
1500
2400
VCC = 4.75V, 5.0V, 5.25V
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
31
33
35
37
25
27
29
1500
2400
TC = +85
°C
TC = -40
°C
TC = +25
°C
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
31
33
35
37
25
27
29
1500
2400
PLO = -3dBm
PLO = 0dBm, +3dBm, +6dBm
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
31
33
35
37
25
27
29
1500
2400
VCC = 4.75V, 5.0V, 5.25V
LO + 2IF REJECTION vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
55
65
75
85
45
1500
2400
TC = +85
°C
TC = -40
°C
TC = +25
°C
PIF = 0dBm
LO + 2IF REJECTION vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
55
65
75
85
45
1500
2400
PIF = 0dBm
PLO = +3dBm
PLO = +6dBm
PLO = 0dBm
PLO = -3dBm
LO + 2IF REJECTION vs. RF FREQUENCY
RF FREQUENCY (MHz)
2250
2100
1950
1800
1650
55
65
75
85
45
1500
2400
PIF = 0dBm
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V


Similar Part No. - MAX2043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX20430 MAXIM-MAX20430 Datasheet
902Kb / 7P
   Challenge/Response or Simple Windowed Watchdog
Rev 0; 3/20
MAX20430 MAXIM-MAX20430 Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
MAX20430ATIA/VY++ MAXIM-MAX20430ATIA/VY+ Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
MAX20430ATIBB/VY++ MAXIM-MAX20430ATIBB/VY+ Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
More results

Similar Description - MAX2043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
   High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com