Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SFT5002 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part No. SFT5002
Description  10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSDI [Solid States Devices, Inc]
Homepage  http://www.ssdi-power.com
Logo 

SFT5002 Datasheet(HTML) 1 Page - Solid States Devices, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT5002/SFT5004
SERIES
DATA SHEET #: TR0020C
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
6.0
Volts
Emitter-Base Voltage
VCEO
120
Volts
Collector-Emitter Voltage
IC
10
Continuous Collector Current
Collector-Base Voltage
VCBO
150
Amps
Volts
W
W/oC
o
C/W
10 AMP
150 VOLTS
NPN HIGH SPEED
POWER TRANSISTOR
50
0.33
Thermal Resistance, Junction to Case
RΘΘΘΘΘJC
3.0
Total Device Dissipation @ TC # 25oC
Derate above 25oC
PD
IB
2
Base Current
Amps
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
PIN ASSIGNMENT
PIN 2
PIN 3
Base
PIN 1
FUNCTION
CODE
Emitter
Collector
Normal
-
SFT5002 J UB TX
SFT5004 J UB TX
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
TX = TX Level
TXV = TXV Level
S
= Space Level
Lead Bend: 3/ _ = Straight
UB = Up Bend
DB = Down Bend
Package: 3/ J
= TO-257
/59 = TO-59
FEATURES
• BVCEO 120V min.
• Fast Switching
• High Frequency
• High Linear Gain, Low Saturation Voltage.
• Radiation Tolerant
• 200oC Operating, Gold Eutectic Die Attach.
• High Current, High Voltage Version of
2N5002 and 2N5004
Available Part Numbers:
SFT5002/59
SFT5004/59
SFT5002J
SFT5004J
SFT5002JUB
SFT5004JUB
SFT5002JDB
SFT5004JDB
o
C
Operating and Storage Temperature
TJ, TSTG
-65 to +200
TO-59 (/59)
TO-257 (J)
1
2
3
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn