Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MACH220-10 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part No. MACH220-10
Description  High-Density EE CMOS Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMD [Advanced Micro Devices]
Homepage  http://www.amd.com
Logo 

MACH220-10 Datasheet(HTML) 27 Page - Advanced Micro Devices

Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AMD
27
MACH220-10/12/15/20
POWER-UP RESET
The MACH devices have been designed with the capa-
bility to reset during system power-up. Following power-
up, all flip-flops will be reset to LOW. The output state
will depend on the logic polarity. This feature provides
extra flexibility to the designer and is especially valuable
in simplifying state machine initialization. A timing dia-
gram and parameter table are shown below. Due to the
synchronous operation of the power-up reset and the
wide range of ways VCC can rise to its steady state, two
conditions are required to insure a valid power-up reset.
These conditions are:
1. The VCC rise must be monotonic.
2. Following reset, the clock input must not be driven
from LOW to HIGH until all applicable input and
feedback setup times are met.
Parameter
Symbol
Parameter Descriptions
Max
Unit
tPR
Power-Up Reset Time
10
µs
tS
Input or Feedback Setup Time
tWL
Clock Width LOW
See
Switching
Characteristics
tPR
tWL
tS
4 V
VCC
Power
Registered
Output
Clock
14130I-25
Power-Up Reset Waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn