Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MACH220-10 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part No. MACH220-10
Description  High-Density EE CMOS Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMD [Advanced Micro Devices]
Homepage  http://www.amd.com
Logo 

MACH220-10 Datasheet(HTML) 17 Page - Advanced Micro Devices

Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AMD
17
MACH220-10/12/15/20
TYPICAL CURRENT VS. VOLTAGE (I-V) CHARACTERISTICS
VCC = 5.0 V, TA = 25
°C
Input
20
–40
–60
–80
–2
–1
12
3
Output, HIGH
II (mA)
VI (V)
–20
IOH (mA)
VOH (V)
25
–50
–75
–100
–3
–2
–1
12
3
–25
–125
–150
45
45
–100
–0.8 –0.6 –0.4
.2
–0.2
–1.0
Output, LOW
.4
.6
1.0
.8
60
40
20
–20
–40
80
–60
–80
IOL (mA)
VOL (V)
14130I-4
14130I-5
14130I-6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn