Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA8122A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. SAA8122A
Description  Digital Still Camera Processor ImagIC family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8122A Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA8122A Datasheet HTML 1Page - NXP Semiconductors SAA8122A Datasheet HTML 2Page - NXP Semiconductors SAA8122A Datasheet HTML 3Page - NXP Semiconductors SAA8122A Datasheet HTML 4Page - NXP Semiconductors SAA8122A Datasheet HTML 5Page - NXP Semiconductors SAA8122A Datasheet HTML 6Page - NXP Semiconductors SAA8122A Datasheet HTML 7Page - NXP Semiconductors SAA8122A Datasheet HTML 8Page - NXP Semiconductors SAA8122A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Philips Semiconductors
SAA8122A
Digital Still Camera Processor (ImagIC family)
Objective specification
Rev. 01 — 20 April 2000
3 of 26
9397 750 07048
© Philips Electronics N.V. 2000. All rights reserved.
2.8 Card interfaces
s Compatible with all SSFDC/CF cards on the market.
2.9 Bus
s Bus structure allows for parallel processing depending on software
implementation, allowing easy system optimization.
2.10 SDRAM interface features
s Supports up to 128 Mbyte of SDRAM and 16-bit wide addressses
s Bus speed: 1 or 2 times CCD pixel clock
s 32-bit bus width.
3.
Quick reference data
[1]
The supplies considered as digital supply (VDDD) are: VDDD, VDDD(RTC).
[2]
The supplies considered as analog supply (VDDA) are: VDDA(SPLL), VDDA(PLL), VDDA(BG), VDDA(PPG1),
VDDA(ADC), VDDA(OUTPUT1), VDDA(OUTPUT2), VDDA(LCDR), VDDA(LCDG), VDDA(LCDB), VDDA(DLL).
[3]
Including voltage on outputs in 3-state mode; only valid when supply voltage is present.
4.
Ordering information
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDD
digital supply voltage
[1] 3
3.3
3.6
V
VDDA
analog supply current
[2] 3
3.3
3.6
V
IP
total supply current
fclk =25MHz
360
560
mA
VI
input voltage
general
0
VDDD
V
5 V tolerant cells only
[3] 0
5.5
V
VO
output voltage
output active
0
VDDD
V
Tamb
ambient temperature
0
25
70
°C
fclk
clock frequency
25
27
MHz
Table 2:
Ordering information
Type number
Package
Name
Description
Version
SAA8122AEL
LFBGA324
plastic low profile fine-pitch ball grid array package; 324 balls;
body 16
× 16 × 1.2 mm
SOT571-1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn