Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA8122A Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. SAA8122A
Description  Digital Still Camera Processor ImagIC family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8122A Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA8122A Datasheet HTML 1Page - NXP Semiconductors SAA8122A Datasheet HTML 2Page - NXP Semiconductors SAA8122A Datasheet HTML 3Page - NXP Semiconductors SAA8122A Datasheet HTML 4Page - NXP Semiconductors SAA8122A Datasheet HTML 5Page - NXP Semiconductors SAA8122A Datasheet HTML 6Page - NXP Semiconductors SAA8122A Datasheet HTML 7Page - NXP Semiconductors SAA8122A Datasheet HTML 8Page - NXP Semiconductors SAA8122A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
SAA8122A
Digital Still Camera Processor (ImagIC family)
Objective specification
Rev. 01 — 20 April 2000
2 of 26
9397 750 07048
© Philips Electronics N.V. 2000. All rights reserved.
s Interface to ROM, DRAM, SRAM, flash and PC Card [Compact Flash and SSFDC
(SmartMedia)]
s Integrated general purpose peripheral units like a UART, timers, an I2C-bus
transceiver, ADC converters, RTC and I/O ports
s Includes USB and RS-232C communication interfaces.
2.2 External interfaces
s Two UART (RS-232) data ports with DMA capabilities (
≤187.5 kbit/s) including
hardware flow control RxD, TxD, RTS, CTS for modem support
s 32 general purpose, bidirectional I/O interface pins, the first 8 bits may also be
used as interrupt inputs
s Two PWM outputs (8-bit resolution).
2.3 CPU related features
s 32-bit PR3001 core
s 1-kbyte data cache and 4-kbyte instruction cache
s Programmable low-power mode, including wake-up on interrupt
s Memory management unit [Translation Lookaside Buffer (TLB)]
s Two built in 24-bit general purpose timers and one 24-bit watchdog timer
s Real-time clock unit (active in sleep mode)
s On-chip 8-kbyte SRAM for storing code which needs fast execution
s Platform software based on real-time pSOS (plug-in Silicon Operating System).
2.4 DSP features
s Advanced colour reconstruction
s Programmable digital filters for noise reduction and contour enhancement
s 16 programmable measurement windows allowing to perform the measurements
necessary for exposure, white balance and focus adjustment in a DSC system;
available measurement outputs for exposure, white balance and focus control.
2.5 Pulse pattern generator features
s Programmable through dedicated PC-software, allowing to drive all CCDs
currently present in the market, as well as CDS/AGC/ADC chips: up to
8
× 8 kpixels.
2.6 JPEG
s Fully ISO10918 compliant
s Supports Tiff, Exif 2.1, DCF & DPOF
s Quick compression (4 images/s for a 1.3 Mpixels resolution).
2.7 USB interface
s Fully compatible with USB.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn