Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA8122A Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SAA8122A
Description  Digital Still Camera Processor ImagIC family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8122A Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SAA8122A Datasheet HTML 11Page - NXP Semiconductors SAA8122A Datasheet HTML 12Page - NXP Semiconductors SAA8122A Datasheet HTML 13Page - NXP Semiconductors SAA8122A Datasheet HTML 14Page - NXP Semiconductors SAA8122A Datasheet HTML 15Page - NXP Semiconductors SAA8122A Datasheet HTML 16Page - NXP Semiconductors SAA8122A Datasheet HTML 17Page - NXP Semiconductors SAA8122A Datasheet HTML 18Page - NXP Semiconductors SAA8122A Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Philips Semiconductors
SAA8122A
Digital Still Camera Processor (ImagIC family)
Objective specification
Rev. 01 — 20 April 2000
15 of 26
9397 750 07048
© Philips Electronics N.V. 2000. All rights reserved.
Table 6:
Operating characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA(LCDR)
analog supply voltage for LCDR
output of DAC
3.0
3.3
3.6
V
VDDA(LCDG)
analog supply voltage for LCDG
output of DAC
3.0
3.3
3.6
V
VDDA(LCDB)
analog supply voltage for LCDB
output of DAC
3.0
3.3
3.6
V
VDDA(OUTPUT1) analog supply voltage for video
output 1 of DAC
3.0
3.3
3.6
V
VDDA(OUTPUT2) analog supply voltage for video
output 2 of DAC
3.0
3.3
3.6
V
VDDA(BG)
analog supply voltage for bandgap
3.0
3.3
3.6
V
VBG
bandgap reference voltage
(4
σ)
1.18
1.22
1.26
V
VOL
LOW-level output voltage
code 0
-
0.225
-
V
VOH
HIGH-level output voltage
code 511
-
1.625
-
V
LCD channels (1 k
Ω buffer)
RL
load resistance
-
1
-
k
CL
load capacitance
-
-
5
pF
RES
resolution
-
8
-
bit
LCD channels (75
Ω mode)
RL
load resistance
-
75
-
CL
load capacitance
-
5
100
pF
RES
resolution
-
9
-
bit
VIDEO_OUT channels (1 k
Ω buffer)
RL
load resistance
-
1
-
k
CL
load capacitance
-
-
5
pF
RES
resolution
-
8
-
bit
VIDEO_OUT channels (1 k
Ω mode)
RL
load resistance
-
1
-
k
CL
load capacitance
-
-
5
pF
RES
resolution
-
9
-
bit
ADC
VDDA(ADC)
analog supply voltage for analog
ADC
3.0
3.3
3.6
V
∆V
DD
supply voltage difference between
VDDA and VDDA(ADC)
-
-
0.2
V
RES
resolution
8
-
10
bit
Ci
input capacitance
-
2
-
pF
Vi
input voltage
0
-
3.3
V
fsample
sample frequency
8-bit
0
-
100
kHz
PLL
VDDA(PLL)
analog supply voltage for analog
PLL
3.0
3.3
3.6
V


Similar Part No. - SAA8122A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
SAA8122E PHILIPS-SAA8122E Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
SAA8122E/C1 PHILIPS-SAA8122E/C1 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
More results

Similar Description - SAA8122A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
SONiX Technology Compan...
SN9C2038AF SONIX-SN9C2038AF Datasheet
666Kb / 8P
   1.3M PIXELS DIGITAL STILL CAMERA SIGNAL PROCESSOR
logo
List of Unclassifed Man...
SPCA-533A ETC-SPCA-533A Datasheet
135Kb / 4P
   Digital Still Camera Controller
logo
Integrated Circuit Syst...
ICS620-01 ICST-ICS620-01 Datasheet
64Kb / 4P
   Digital Still Camera Clock Source
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
logo
Panasonic Semiconductor
MN103S5405YD PANASONIC-MN103S5405YD Datasheet
43Kb / 3P
   Chip-set for Digital Still Camera
logo
ON Semiconductor
LA74309FA-BH ONSEMI-LA74309FA-BH Datasheet
93Kb / 5P
   Microphone Amplifier for Digital Still Camera
May, 2013
logo
Sanyo Semicon Device
LA74309FA SANYO-LA74309FA Datasheet
120Kb / 5P
   Microphone Amplifier for Digital Still Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com