Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA8117HL Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SAA8117HL
Description  Digital camera USB interface IC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8117HL Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SAA8117HL Datasheet HTML 18Page - NXP Semiconductors SAA8117HL Datasheet HTML 19Page - NXP Semiconductors SAA8117HL Datasheet HTML 20Page - NXP Semiconductors SAA8117HL Datasheet HTML 21Page - NXP Semiconductors SAA8117HL Datasheet HTML 22Page - NXP Semiconductors SAA8117HL Datasheet HTML 23Page - NXP Semiconductors SAA8117HL Datasheet HTML 24Page - NXP Semiconductors SAA8117HL Datasheet HTML 25Page - NXP Semiconductors SAA8117HL Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
CLOCK ENABLE
CCD OUTPUT
C1
C2
FCE143
C3
RG
SHD
SHP
CLK1
CLK2
0246
1357 0246
1357 0
0
2
7
1
3 4602
5713 46
57
mode 2: 1/(6 MHz)
mode 4: 1/(3 MHz)
mode 5: 1/(2 MHz)
mode 6: 1/(1.5 MHz)
mode 7: 1/(1 MHz)
Fig.14 High-speed pulses for VGA sensors (3).


Similar Part No. - SAA8117HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
   Digital Signal Processor DSP for cameras
1997 Jun 13
SAA8112HL PHILIPS-SAA8112HL Datasheet
137Kb / 40P
   Digital camera signal processor and microcontroller
2000 Jan 18
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
   Digital camera USB interface
2000 Jan 27
SAA8116 PHILIPS-SAA8116 Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
More results

Similar Description - SAA8117HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
   Digital camera USB interface
2000 Jan 27
logo
Panasonic Semiconductor
AN2905FHQ PANASONIC-AN2905FHQ Datasheet
131Kb / 9P
   Sound input/output interface IC for digital still camera
logo
NXP Semiconductors
SAA8116 PHILIPS-SAA8116 Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
logo
Sanyo Semicon Device
LA7477W SANYO-LA7477W Datasheet
135Kb / 12P
   For Digital Video Camera Audio Signal I/O Interface IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872-000E AVAGO-HCPL-0872-000E Datasheet
212Kb / 12P
   Digital Interface IC
logo
Sanyo Semicon Device
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
   Monolithic Digital IC Digital Camera Motor Driver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
   Digital Interface IC
logo
Freescale Semiconductor...
34825 FREESCALE-34825_10 Datasheet
971Kb / 39P
   Micro-USB Interface IC
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com