Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SAA8117HL Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. SAA8117HL
Description  Digital camera USB interface IC
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA8117HL Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
1999 Apr 02
6
Philips Semiconductors
Product specification
Digital camera USB interface IC
SAA8117HL
7
PINNING
SYMBOL
PIN
TYPE
DESCRIPTION
M2
1
I
test mode control signal bit 2
M1
2
I
test mode control signal bit 1
M0
3
I
test mode control signal bit 0
AGND1
4
P
analog ground 1 for main oscillator (48 MHz, 3rd overtone)
XIN1
5
I
oscillator input
XOUT1
6
O
oscillator output
VDDA1
7
P
analog supply voltage 1 for main oscillator (48 MHz, 3rd overtone)
CLPDM
8
O
dummy clamp pulse output to TDA8784/87
CLPOB
9
O
optical black clamp pulse output to TDA8784/87
B4
10
O
vertical CCD load pulse output (VH1X)
B3
11
O
vertical CCD load pulse output (VH3X)
B2
12
O
vertical CCD load pulse output
B1
13
O
vertical CCD load pulse output
GND1
14
P
ground 1 for output buffers
VDD1
15
P
supply voltage 1 for output buffers
A4
16
O
vertical CCD transfer pulse output (V4X)
A3
17
O
vertical CCD transfer pulse output (V3X)
A2
18
O
vertical CCD transfer pulse output (V2X)
A1
19
O
vertical CCD transfer pulse output (V1X)
SHUTTER
20
O
shutter control output for CCD charge reset
C3
21
O
horizontal CCD transfer pulse output
C2
22
O
horizontal CCD transfer pulse output (FH1)
C1
23
O
horizontal CCD transfer pulse output (FH2)
RG
24
O
reset output for CCD output amplifier gate
VDD2
25
P
supply voltage 2 for output buffers
GND2
26
P
ground 2 for output buffers
CLK1
27
O
pixel clock output to TDA8784/87and SAA8110G
SHP
28
O
preset sample-and-hold pulse output to TDA8784/87 (FCDS)
SHD
29
O
data sample-and-hold pulse output to TDA8784/87 (FS)
VD
30
O
vertical definition pulse output to SAA8110G
HD
31
O
horizontal definition pulse output to SAA8110G
VDD3
32
P
supply voltage 3 for output buffers
CLK2
33
O
double pixel clock output to SAA8110G
GND3
34
P
ground 3 for output buffers
YUV0
35
I
multiplexed input YUV-bit 0 (LSB)
YUV1
36
I
multiplexed input YUV-bit 1 input
YUV2
37
I
multiplexed input YUV-bit 2 input
YUV3
38
I
multiplexed input YUV-bit 3 input
VDDD1
39
P
digital supply voltage 1 for input buffers and predrivers and one part of the digital
core


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn