Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA8117HL Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. SAA8117HL
Description  Digital camera USB interface IC
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA8117HL Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
1999 Apr 02
4
Philips Semiconductors
Product specification
Digital camera USB interface IC
SAA8117HL
5
QUICK REFERENCE DATA
Measured over full voltage and operating temperature range.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
3.0
3.3
3.6
V
VDDA
analog supply voltage
3.0
3.3
3.6
V
IDD(tot)
total supply current
VDD = 3.3 V
91
mA
Vi(bus)
input voltage on I2C-bus interface pins
5 V tolerant TTL compatible V
Vo(bus)
output voltage on I2C-bus interface pin SDA
5 V tolerant TTL compatible V
Vi(n)
input signal voltage on other pins
3.0V<VDD < 3.6 V low voltage TTL compatible V
Vo(n)
output signal voltage on other pins
3.0V<VDD < 3.6 V low voltage TTL compatible V
fclk
clock frequency
48
MHz
Ptot
total power dissipation
Tamb =25 °C
300
mW
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
25
70
°C
Tj
junction temperature
Tamb =70 °C
−40
+125
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn