Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBL406G Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBL406G
Description  4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBL406G Datasheet(HTML) 1 Page - Won-Top Electronics

  KBL406G Datasheet HTML 1Page - Won-Top Electronics KBL406G Datasheet HTML 2Page - Won-Top Electronics KBL406G Datasheet HTML 3Page - Won-Top Electronics KBL406G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBL400G – KBL410G
1 of 4
© 2006 Won-Top Electronics
Pb
KBL400G – KBL410G
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
C
!
Ideal for Printed Circuit Boards
+
~
~
-
!
Plastic Package has UL Flammability 94V-0
                       
H
Mechanical Data
!
Case: KBL, Molded Plastic
J
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
E
G
!
Polarity: As Marked on Body
!
Weight: 5.6 grams (approx.)
!
Mounting Position: Any
D
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBL
400G
KBL
401G
KBL
402G
KBL
404G
KBL
406G
KBL
408G
KBL
410G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 75°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage per leg
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
1.0
µA
mA
Rating for Fusing (t < 8.3ms) (Note 1)
I2t
166
A2s
Typical Thermal Resistance per leg (Note 2)
RJA
19
°C/W
Typical Thermal Resistance per leg (Note 3)
RJL
2.4
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Mounted on 75 x 75 x 3.0mm Al. plate.
3. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
WTE
POWER SEMICONDUCTORS
KBL
Dim
Min
Max
A
18.50
19.50
B
13.70
14.70
C
15.20
16.30
D
6.00
6.50
E
4.60
5.60
G
—2.10
H
19.00
J
1.20 Ø
1.30 Ø
All Dimensions in mm


Similar Part No. - KBL406G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBL406G WTE-KBL406G Datasheet
39Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBL406G GENESIC-KBL406G Datasheet
424Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
KBL406G TSC-KBL406G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBL406G JUXING-KBL406G Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBL406G EIC-KBL406G Datasheet
58Kb / 2P
   GLASS PASSIVATED
More results

Similar Description - KBL406G

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBU400G WTE-KBU400G_06 Datasheet
51Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
UG4KB05 SMC-UG4KB05 Datasheet
178Kb / 4P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
GBU4A WTE-GBU4A_06 Datasheet
59Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ4A WTE-GBJ4A Datasheet
61Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com