Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA60K305S Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # STA60K305S
Description  60,000 WATTS PEAK PULSE POWER 79 - 1000 VOLTS HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STA60K305S Datasheet(HTML) 1 Page - Solid States Devices, Inc

  STA60K305S Datasheet HTML 1Page - Solid States Devices, Inc STA60K305S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
79-1000 Volt Bidirectional
Smaller than 60KS200C Types
Hermetically Sealed
Meets all environmental requirements of MIL-PRF-19500
Custom Configurations Available
TX and TXV Screening Available
APPLICATIONS:
Protection of Voltage Sensitive Components
Protection Against Power Interruption
Lightning Protection
STA60K79S thru
STA60K100S
60,000 WATTS
PEAK PULSE POWER
79 – 1000 VOLTS
HIGH VOLTAGE BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSOR
Maximum Ratings (note 2)
Stand Off Voltage
VRWM
56 - 750
Volts
Steady State Power Dissipation
PD
400
Watts
Peak Pulse Power @ 1.0 msec
PPP
60,000
Watts
Peak Pulse Power and Steady
State Power Derating
SEE GRAPH
Peak Pulse Power and Pulse
Width
SEE GRAPH
Operating and Storage
Temperature
-65°C to +175°C
Note:
SSDI Transient Suppressors offer standard Breakdown Voltage Tolerances
of + 10% (A) and + 5% (B). For other Voltage and Voltage Tolerances,
contact SSDI's Marketing Department
PEAK PULSE POWER VS. TEMPERATURE DERATING CURVE
AMBIENT TEMPERATURE (
°C)
Package shown is standard configuration. SSDI can custom
design your module with terminals that meet your unique
design criteria. Additionally, SSDI can package these
devices with an irregular footprint or offset mounting
positions. This data sheet is meant to serve as an example of
SSDI's Transient Protection Module Capabilities. For
custom configurations, please contact SSDI's Marketing
Department.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00014C
DOC


Similar Part No. - STA60K305S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STA60K305S SSDI-STA60K305S Datasheet
83Kb / 2P
   HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - STA60K305S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STA60K7.9P SSDI-STA60K7.9P Datasheet
69Kb / 2P
   60,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS LOW VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
P4KE6.8A JINGHENG-P4KE6.8A Datasheet
186Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Solid States Devices, I...
STA15K7.5P SSDI-STA15K7.5P Datasheet
79Kb / 2P
   15,000 WATTS PEAK PULSE POWER 7.5 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA3KA13.6JE SSDI-STA3KA13.6JE Datasheet
61Kb / 2P
   3,000 WATTS PEAK PULSE POWER 13.6 - 800 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA15K7.9 SSDI-STA15K7.9 Datasheet
49Kb / 2P
   15,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SDA384 SSDI-SDA384 Datasheet
147Kb / 2P
   2600 WATTS PEAK PULSE POWER 12,7 VOLTS BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Pan Jit International I...
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com