Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA8116 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA8116
Description  Digital PC-camera signal processor including microcontroller and USB interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8116 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA8116 Datasheet HTML 3Page - NXP Semiconductors SAA8116 Datasheet HTML 4Page - NXP Semiconductors SAA8116 Datasheet HTML 5Page - NXP Semiconductors SAA8116 Datasheet HTML 6Page - NXP Semiconductors SAA8116 Datasheet HTML 7Page - NXP Semiconductors SAA8116 Datasheet HTML 8Page - NXP Semiconductors SAA8116 Datasheet HTML 9Page - NXP Semiconductors SAA8116 Datasheet HTML 10Page - NXP Semiconductors SAA8116 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
2001 May 04
7
Philips Semiconductors
Product specification
Digital PC-camera signal processor including
microcontroller and USB interface
SAA8116
P0.4
37
L6
I/O
microcontroller Port 0 bidirectional (data - address); bit 4
P0.6
38
L7
I/O
microcontroller Port 0 bidirectional (data - address); bit 6
P0.7
39
M7
I/O
microcontroller Port 0 bidirectional (data - address); bit 7
P0.5
40
K7
I/O
microcontroller Port 0 bidirectional (data - address); bit 5
P0.3
41
L8
I/O
microcontroller Port 0 bidirectional (data - address); bit 3
P0.1
42
M8
I/O
microcontroller Port 0 bidirectional (data - address); bit 1
VDD3
43
K8
P
supply voltage 3 for output buffers
GND3
44
L9
P
ground 3 for output buffers
AD8
45
M9
O
microcontroller Port 2 output (address); bit 0
AD10
46
K9
O
microcontroller Port 2 output (address); bit 2
AD12
47
L10
O
microcontroller Port 2 output (address); bit 4
AD14
48
M10
O
microcontroller Port 2 output (address); bit 6
ALE
49
K10
O
address latch enable output for external latch
PSEN
50
M11
O
program store enable output for external memory (active LOW)
AD13
51
M12
O
microcontroller Port 2 output (address); bit 5
AD11
52
J9
O
microcontroller Port 2 output (address); bit 3
AD9
53
L12
O
microcontroller Port 2 output (address); bit 1
EA
54
K11
I
external access select input; internal (HIGH) or external (LOW)
program memory
GND7
55
K12
P
ground 7 for input buffers and predrivers
VDDD1
56
J11
P
supply voltage 1 for the digital core
LDOIN
57
J12
P
analog supply voltage for LDO supply filter
LDOFIL
58
J10
external capacitor connection (filter of LDO)
LDOOUT
59
H11
external capacitor connection (internal analog supply voltage for PLL;
amplifier and ADC)
MICSUPPLY
60
H12
O
microphone supply output
MICIN
61
H10
I
microphone input
LNAOUT
62
G11
O
low noise amplifier output
PGAININ
63
G12
I
programmable gain amplifier input
RESERVED1
64
G10
O
test pin 1 (should be floating)
Vref1
65
F12
I
reference voltage 1 (used in the amplifier and the ADC)
Vref2
66
F11
I
reference voltage 2 (used in the ADC)
Vref3
67
E12
I
reference voltage 3 (used in the ADC)
AGND3
68
E11
P
analog ground 3 for PLL; amplifier and ADC
PORE
69
D10
I
external Power-on reset
GPI2
70
D12
I
general purpose input 2 (Port 1; bit 4)
GPI3
71
D11
I
general purpose input 3 (Port 3; bit 5)
VDDA1
72
C12
P
analog supply voltage for crystal oscillator (12 MHz, fundamental)
XOUT
73
C11
O
oscillator output
XIN
74
B12
I
oscillator input
AGND1
75
D9
P
analog ground 1 for crystal oscillator
SYMBOL
PIN(1)
BALL(2) TYPE(3)
DESCRIPTION


Similar Part No. - SAA8116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
   Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
More results

Similar Description - SAA8116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
   Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
SAA8112HL PHILIPS-SAA8112HL Datasheet
137Kb / 40P
   Digital camera signal processor and microcontroller
2000 Jan 18
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
logo
Hitachi Semiconductor
HD49815TF HITACHI-HD49815TF Datasheet
91Kb / 25P
   Digital Camera Signal Processor
logo
Renesas Technology Corp
HD49815TF RENESAS-HD49815TF Datasheet
278Kb / 22P
   Digital Camera Signal Processor
logo
NXP Semiconductors
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
   Digital camera USB interface
2000 Jan 27
SAA9750H PHILIPS-SAA9750H Datasheet
114Kb / 24P
   Camera Digital Signal Processor CAMDSP
1996 Feb 16
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
SONiX Technology Compan...
SN9C2038AF SONIX-SN9C2038AF Datasheet
666Kb / 8P
   1.3M PIXELS DIGITAL STILL CAMERA SIGNAL PROCESSOR
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com