Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SAA8116 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. SAA8116
Description  Digital PC-camera signal processor including microcontroller and USB interface
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA8116 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
2001 May 04
6
Philips Semiconductors
Product specification
Digital PC-camera signal processor including
microcontroller and USB interface
SAA8116
PINNING
SYMBOL
PIN(1)
BALL(2) TYPE(3)
DESCRIPTION
FV1
1
D4
O
vertical CCD transfer pulse output (or general purpose output)
FV2
2
B1
O
vertical CCD transfer pulse output (or general purpose output)
FV3
3
C2
O
vertical CCD transfer pulse output (or general purpose output)
LED
4
C1
O
output to drive LED
FS
5
D2
O
data sample-and-hold pulse output to TDA8787A (SHD)
FCDS
6
D1
O
preset sample-and-hold pulse output to TDA8787A (SHP)
VDD1
7
D3
P
supply voltage 1 for output buffers
GND1
8
E2
P
ground 1 for output buffers
PCLK
9
E1
I
pixel input clock
ASCLK
10
E3
O
clock 1 (pixel clock) or clock 2 (2
× pixel clock) output for ADC or CMOS
sensor
PXL9
11
F2
I
pixel data input; bit 9
PXL8
12
F1
I
pixel data input; bit 8
PXL7
13
G3
I
pixel data input; bit 7
PXL6
14
G1
I
pixel data input; bit 6
PXL5
15
G2
I
pixel data input; bit 5
PXL4
16
H3
I
pixel data input; bit 4
PXL3
17
H1
I
pixel data input; bit 3
PXL2
18
H2
I
pixel data input; bit 2
PXL1
19
J3
I
pixel data input; bit 1
PXL0
20
J1
I
pixel data input; bit 0
VDDD2
21
J2
P
supply voltage 2 for the digital core
GND8
22
K1
P
ground 8 for input buffers and predrivers
BCP
23
K2
O
optical black clamp pulse output to TDA8787A
DCP
24
L1
O
dummy clamp pulse output to TDA8787A
STROBE
25
J4
O
strobe signal output to TDA8787A or general purpose output of the
microcontroller
SCLK
26
M2
O
serial clock output to TDA8787A or general purpose output of the
microcontroller
SDATA
27
K3
O
serial data output to TDA8787A or general purpose output of the
microcontroller
SNAPRES
28
M3
I
snapshot input or remote wake-up trigger input (programmable)
PRIVRES
29
L3
I
privacy shutter input or remote wake-up trigger input (programmable)
VDD2
30
K4
P
supply voltage 2 for input buffers and predrivers
GND2
31
M4
P
ground 2 for input buffers and predrivers
SCL
32
L4
I/O
I2C-bus clock input/output (master/slave)
SDA
33
K5
I/O
I2C-bus data input/output (master/slave)
GPI1
34
M5
I
general purpose input 1 (Port 4; bit 6)
P0.2
35
L5
I/O
microcontroller Port 0 bidirectional (data - address); bit 2
P0.0
36
K6
I/O
microcontroller Port 0 bidirectional (data - address); bit 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn