Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA8116 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. SAA8116
Description  Digital PC-camera signal processor including microcontroller and USB interface
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8116 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA8116 Datasheet HTML 1Page - NXP Semiconductors SAA8116 Datasheet HTML 2Page - NXP Semiconductors SAA8116 Datasheet HTML 3Page - NXP Semiconductors SAA8116 Datasheet HTML 4Page - NXP Semiconductors SAA8116 Datasheet HTML 5Page - NXP Semiconductors SAA8116 Datasheet HTML 6Page - NXP Semiconductors SAA8116 Datasheet HTML 7Page - NXP Semiconductors SAA8116 Datasheet HTML 8Page - NXP Semiconductors SAA8116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
LDO
SUPPLY
FILTER
AUDIO
LOW NOISE
AMPLIFIER
PROGRAMMABLE
AUDIO GAIN
AMPLIFIER
MICROPHONE
SUPPLY
OSCILLATOR
AND CPLL
ATX
VFC
SAA8116
POR
PSEL
POWER
MANAGEMENT
USB
INTERFACE
AUDIO
DECIMATION
4 : 2 : 2
FORMATTER
RGB TO
YUV
VIDEO
FORMATTER
80C51
MICROCONTROLLER
TRANSFER
BUFFER
COMPRESSION
ENGINE
RGB
PROCESSING
PRE-
PROCESSING
RGB
RECONSTRUCTION
H
VSP
V
ASCLK PCLK
Y
PROCESSING
UV
PROCESSING
PRE-PROCESSING
INTERFACE
MEASUREMENT ENGINE
MODE
DECODER
WINDOW TIMING AND
CONTROL REFERENCE TIMING
PULSE PATTERN GENERATOR
AUDIO PLL
AUDIO ADC
PORE
MGU263
ATXDP
PGAININ
LNAOUT
MICIN
MICSUPPLY
LDOOUT
LDOIN
J12
B4
G10
A8,
B8
K2,
L1
D2,
D1
A5
B3
C5
B5,
C6
C2,
A3
D4,
B1
E1
E3
C4
A4
F2, F1,
G3, G1,
G2, H3,
H1, H2,
J3, J1
PXL9 to PXL0
J10
H11
H12
H10
G11
G12
C7
B12
C11
A9
A10
C8
A7
D10
ANALOG MODULES
LDOFIL
ATXDN
DELAYATT
XSEL
F12,
F11,
E12
Vref1,
Vref2,
Vref3
XIN
XOUT
M5
GPI1
D12
GPI2
D11
GPI3
C1
LED
A6
FULLPOWER
M3
SNAPRES
L3
PRIVRES
K5, L4
SDA, SCL
K11
EA
K10, M11
ALE, PSEN
M10, M12,
L10, J9,
K9, L12,
M9
AD14 to AD8
M7, L7, K7,
L6, L8, L5,
M8, K6
P0.7 to P0.0
J4
STROBE
K3
SDATA
M2
SCLK
FV1, FV2
FV3, FV4
FH1, FH2
ROG
CRST
RG
FS, FCDS
C12, B9
VDDA1,
VDDA2
BCP, DCP
SMP RESERVED1
RESERVED2, RESERVED3
2
J11, J2
VDDD1,
VDDD2
2
D3, K4, K8,
B11, B7, C3
VDD1 to
VDD6
6
D9, C10, E11
AGND1 to
AGND3
3
E2, M4, L9, A11,
B6, A2, K12, K1
GND1 to
GND8
8
3
Fig.2 Block diagram (TFBGA112).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn