Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA8110G Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA8110G
Description  Digital Signal Processor DSP for cameras
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8110G Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA8110G Datasheet HTML 2Page - NXP Semiconductors SAA8110G Datasheet HTML 3Page - NXP Semiconductors SAA8110G Datasheet HTML 4Page - NXP Semiconductors SAA8110G Datasheet HTML 5Page - NXP Semiconductors SAA8110G Datasheet HTML 6Page - NXP Semiconductors SAA8110G Datasheet HTML 7Page - NXP Semiconductors SAA8110G Datasheet HTML 8Page - NXP Semiconductors SAA8110G Datasheet HTML 9Page - NXP Semiconductors SAA8110G Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1997 Jun 13
6
Philips Semiconductors
Preliminary specification
Digital Signal Processor (DSP) for
cameras
SAA8110G
VDDA(DC)
41
I
analog supply for analog core of triple DAC
VSSA(BG)
42
I
analog ground for to band gap
DECOUPL
43
O
pin to be used for external decoupling of band gap
RBIAS
44
O
external bias resistor connection for band gap
VDDA(BG)
45
I
analog supply for band gap
VDDD(P1)
46
I
digital supply 1 for CLK2 related peripherals
CLK2
47
I
output clock (CLK2 frequency is 2
× CLK1 frequency)
FIOUT
48
O
field identification output pulse
VSYNCOUT
49
O
vertical synchronization output
HREF
50
O
horizontal reference output for YUV-port
CREF/PXQ
51
O
clock/pixel qualifier output for YUV-port
LLC
52
O
line-locked system clock output
VSSD(P1)
53
I
digital ground 1 for CLK2 related peripherals
UV7
54
O
multiplex chrominance UV bit 7 (MSB)
UV6
55
O
multiplex chrominance UV bit 6
UV5
56
O
multiplex chrominance UV bit 5
UV4
57
O
multiplex chrominance UV bit 4
UV3
58
O
multiplex chrominance UV bit 3
UV2
59
O
multiplex chrominance UV bit 2
UV1
60
O
multiplex chrominance UV bit 1
UV0
61
O
multiplex chrominance UV bit 0 (LSB)
VDDD(P2)
62
I
digital supply for CLK2 related peripherals
Y7
63
O
luminance Y or multiplexed YUV bit 7 (MSB)
Y6
64
O
luminance Y or multiplexed YUV bit 6
Y5
65
O
luminance Y or multiplexed YUV bit 5
Y4
66
O
luminance Y or multiplexed YUV bit 4
Y3
67
O
luminance Y or multiplexed YUV bit 3
Y2
68
O
luminance Y or multiplexed YUV bit 2
Y1
69
O
luminance Y or multiplexed YUV bit 1
Y0
70
O
luminance Y or multiplexed YUV bit 0 (LSB)
VSSD(P2)
71
I
digital ground 2 for to CLK2 related peripherals
VDDD(C3)
72
I
digital supply 3 for digital core and CLK1 related peripherals
A1/SNRES
73
I
I2C-bus address select pin A1 or SNERT reset input
A0/SNDA
74
I
I2C-bus address select pin A0 or SNERT data input/output
SDA
75
I
I2C-bus data input/output
VSSD(C3)
76
I
digital ground 3 for digital core and CLK1 related peripherals
SCL/SNCL
77
I
I2C-bus clock/SNERT clock input
VSSD(C4)
78
I
digital ground 4 for digital core and CLK1 related peripherals
XIN
79
I
input crystal oscillator for subcarrier lock applications
XOUT
80
O
output crystal oscillator for subcarrier lock applications
SYMBOL
PIN
I/O
DESCRIPTION


Similar Part No. - SAA8110G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8112HL PHILIPS-SAA8112HL Datasheet
137Kb / 40P
   Digital camera signal processor and microcontroller
2000 Jan 18
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
   Digital camera USB interface
2000 Jan 27
SAA8116 PHILIPS-SAA8116 Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
SAA8116ET PHILIPS-SAA8116ET Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
More results

Similar Description - SAA8110G

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2262 BURR-BROWN-VSP2262 Datasheet
224Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2230 BURR-BROWN-VSP2230 Datasheet
225Kb / 18P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Texas Instruments
VSP2101 TI1-VSP2101_14 Datasheet
536Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com