Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR999CTN Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR999CTN
Description  100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR999CTN Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR999CTN Datasheet HTML 1Page - Solid States Devices, Inc SDR999CTN Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0119B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR998CTN&P
thru
SDR9912CTN&P
Electrical Characteristics
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300
µsec pulse)
IF = 25Adc
IF = 50Adc
VF1
––
1.95
2.25
Volts
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300
µsec pulse)
(TA = 100ºC, 300
µsec pulse)
IF = 25Adc
IF = 25Adc
VF2
––
1.85
2.00
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300
µsec pulse minimum)
IR1
––
100
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300
µsec pulse minimum)
IR2
––
10
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
––
100
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A)
TA = 25ºC
trr
––
80
nsec
Case Outline: TO-258
Pin1: Cathode
Pin2: Anode
Pin3: Anode
Case Outline: TO-259
Pin1: Cathode
Pin2: Anode
Pin3: Anode


Similar Part No. - SDR999CTN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR999CT/3 SSDI-SDR999CT/3 Datasheet
31Kb / 2P
   100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE CENTERTAP RECTIFIER
More results

Similar Description - SDR999CTN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR998CT-3 SSDI-SDR998CT-3 Datasheet
31Kb / 2P
   100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE CENTERTAP RECTIFIER
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
   50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR958 SSDI-SDR958 Datasheet
213Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958-3 SSDI-SDR958-3 Datasheet
211Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958M SSDI-SDR958M Datasheet
231Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958N SSDI-SDR958N Datasheet
228Kb / 2P
   50 AMP 800 -1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
   3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SDR803 SSDI-SDR803 Datasheet
39Kb / 2P
   100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR4512M SSDI-SDR4512M Datasheet
169Kb / 2P
   45 AMP 1200 VOLTS 80 nsec RECTIFIER
SDR958 SSDI-SDR958_1 Datasheet
106Kb / 3P
   50 AMP 800 -1200 Volts 100 nsec Ultrafast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com