Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7705H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7705H
Description  Car radio Digital Signal Processor DSP
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7705H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7705H Datasheet HTML 4Page - NXP Semiconductors SAA7705H Datasheet HTML 5Page - NXP Semiconductors SAA7705H Datasheet HTML 6Page - NXP Semiconductors SAA7705H Datasheet HTML 7Page - NXP Semiconductors SAA7705H Datasheet HTML 8Page - NXP Semiconductors SAA7705H Datasheet HTML 9Page - NXP Semiconductors SAA7705H Datasheet HTML 10Page - NXP Semiconductors SAA7705H Datasheet HTML 11Page - NXP Semiconductors SAA7705H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
1999 Aug 16
8
Philips Semiconductors
Preliminary specification
Car radio Digital Signal Processor (DSP)
SAA7705H
DSPOUT1
40
B4CR
digital output 1 of the DSP core (flag F2 of the status register)
DSPOUT2
41
B4CR
digital output 2 of the DSP core (flag F3 of the status register)
DSPRESET
42
IBUFU
reset input to the DSP core (active LOW)
RTCB
43
IBUFD
asynchronous reset test control block, connect to ground
SHTCB
44
IBUFD
shift clock test control block, connect to ground
TSCAN
45
IBUFD
scan control (active HIGH), connect to ground
VDDD5V3
46
VDDE5
positive supply 3 for peripheral cells
VSSD5V3
47
VSSE5
ground supply 3 for peripheral cells
VDDD3V1
48
VDDI3
positive supply 1 for DSP core
VSSD3V1
49
VSSI3
ground supply 1 for DSP core
VSSD3V2
50
VSSI3
ground supply 2 for DSP core
VDDD3V2
51
VDDI3
positive supply 2 for DSP core
VDDD3V3
52
VDDI3
positive supply 3 for DSP core
VSSD3V3
53
VSSI3
ground supply 3 for DSP core
VSSD3V4
54
VSSI3
ground supply 4 for DSP core
VDDD3V4
55
VDDI3
positive supply 4 for DSP core
A0
56
IBUFD
I2C-bus address selection
SCL
57
SCHMITCD
serial clock input (I2C-bus)
SDA
58
BD4SCI4
serial data input/output (I2C-bus)
RDSCLK
59
BD4CR
RDS bit clock output or RDS external clock input
RDSDAT
60
BT4CR
RDS data output
SELFR
61
IBUFD
AD input selection switch; to enable high-ohmic FMMPX input at fast tuner search
on pin FMRDS; if SELFR is HIGH, the input at pin FMRDS is put through to SCAD1
and FMRDS gets high-ohmic; this pin works together with the AD register bit
SELTWOTUN (see Table 9)
VSS(OSC)
62
APVSS
ground supply for crystal oscillator circuit
OSCIN
63
AP2D
crystal oscillator input: crystal oscillator sense for gain control or forced input in
slave mode
OSCOUT
64
AP2D
crystal oscillator output: drive output to 11.2896 MHz crystal
VDD(OSC)
65
APVDD
positive supply for crystal oscillator circuit
AMAFR
66
AP2D
AM audio frequency analog input (right channel)
AMAFL
67
AP2D
AM audio frequency analog input (left channel)
TAPER
68
AP2D
tape analog input (right channel)
TAPEL
69
AP2D
tape analog input (left channel)
CDRI
70
AP2D
CD analog input (right channel)
CDRB
71
AP2D
feedback input of the CD analog input (right channel)
CDLI
72
AP2D
CD analog input (left channel)
CDLB
73
AP2D
feedback input of the CD analog input (left channel)
VDDA1
74
APVDD
analog positive supply for SCAD1, SCAD2, SCAD3 and level-ADC
VSSA1
75
APVSS
analog ground supply SCAD1, SCAD2, SCAD3 and level-ADC
VDACN2
76
AP2D
ground reference voltage 2 for SCAD1, SCAD2, SCAD3 and level-ADC
SYMBOL
PIN
PIN TYPE
DESCRIPTION


Similar Part No. - SAA7705H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
More results

Similar Description - SAA7705H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7724H PHILIPS-SAA7724H Datasheet
476Kb / 84P
   Car radio digital signal processor
2003 Nov 18
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com