Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7388 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. SAA7388
Description  Error correction and host interface IC for CD-ROM ELM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7388 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7388 Datasheet HTML 1Page - NXP Semiconductors SAA7388 Datasheet HTML 2Page - NXP Semiconductors SAA7388 Datasheet HTML 3Page - NXP Semiconductors SAA7388 Datasheet HTML 4Page - NXP Semiconductors SAA7388 Datasheet HTML 5Page - NXP Semiconductors SAA7388 Datasheet HTML 6Page - NXP Semiconductors SAA7388 Datasheet HTML 7Page - NXP Semiconductors SAA7388 Datasheet HTML 8Page - NXP Semiconductors SAA7388 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
1996 Apr 26
3
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7388
1
FEATURES
• CD-ROM (Mode 1) and CD-I (Mode 2 - Form 1 and
Form 2) formats supported
• Real-time error detection and correction in hardware
• Suitable for octal speed, n = 8.
• Maximum host transfer burst rate of 13.3 Mbyte/s
• Corrects two errors per symbol with erasure correction
• 36 kbit of on-chip error correction buffer RAM
• 12-byte command FIFO and 12-byte status FIFO
• Compatible with the Advanced Technology Attachment
(ATA) register set and the Advanced Technology
Attachment Program Interface (ATAPI) command set
• Operates with popular memories. (up to 128 kbyte
SRAM; 1 to 16 Mbit DRAM, different speed grades,
nibble or byte wide)
• Interface to Integrated Drive Electronics (IDE) bus
without external bus drivers
• Q-to-W subcode buffering, de-interleaving and
correction are supported
• Device can operate with audio RAMs. A RAM test allows
bad segments to be identified.
2
GENERAL DESCRIPTION
The SAA7388 decoder is a block decoder buffer manager
for high-speed CD-ROM applications that integrates
real-time error correction and detection and host interface
data transfer functions into a single chip.
The SAA7388 has an on-chip 36-kbit memory. This
memory is used as a buffer memory for error and erasure
corrections. The chip also has a buffer memory interface
thus enabling the connection of SRAM up to 128 kbytes, or
DRAM up to 16 Mbits. The on-chip memory is sufficient to
buffer 1 sector of data. The external memory can buffer
many more, depending on memory size.
The error corrector of the SAA7388 can perform 2-pass
error correction in real-time. Buffer memory for this
correction is integrated on-chip.
The SAA7388 has an host interface that is compatible with
the SANYO LC89510 or OAK OTI-012 and also
compatible with the ATA/IDE/ATAPI hard disc interface
bus. (All ATAPI registers are present in hardware).
Supply of this Compact Disc IC does not convey an implied
license under any patent right to use this IC in any
Compact Disc application.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDD1
digital supply voltage 1
3.0
3.3
3.6
V
VDDD2
digital supply voltage 2
4.5
5
5.5
V
IDDD
supply current
60
mA
fclk
clock frequency
15.2
48
50.4
MHz
Tamb
operating ambient temperature
0
+70
°C
Tstg
storage temperature
−55
+125
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7388GP
QFP80
plastic quad flat package; 80 leads; lead length 1.95 mm;
body 14
× 20 × 2.8 mm
SOT318-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn