Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1S096HCZ0F Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1S096HCZ0F
Description  Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S096HCZ0F Datasheet(HTML) 5 Page - Sharp Corporation

  GP1S096HCZ0F Datasheet HTML 1Page - Sharp Corporation GP1S096HCZ0F Datasheet HTML 2Page - Sharp Corporation GP1S096HCZ0F Datasheet HTML 3Page - Sharp Corporation GP1S096HCZ0F Datasheet HTML 4Page - Sharp Corporation GP1S096HCZ0F Datasheet HTML 5Page - Sharp Corporation GP1S096HCZ0F Datasheet HTML 6Page - Sharp Corporation GP1S096HCZ0F Datasheet HTML 7Page - Sharp Corporation GP1S096HCZ0F Datasheet HTML 8Page - Sharp Corporation GP1S096HCZ0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Sheet No.: D3-A00901EN
GP1S096HCZ0F
Fig.7 Collector-emitter Saturation Voltage vs.
Ambient Temperature
Fig.8 Collector Dark Current vs.
Ambient Temperature
Fig.9 Response Time vs. Load Resistance
Fig.10 Test Circuit for Response Time
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
Ambient temperature Ta (˚C)
IF=10mA
IC=40μA
0.2
0.18
0.16
0.14
0.12
0.1
0.08
0.06
−25
75
50
25
0
0.04
Load resistance RL (k )
VCE 5V
IC 100 A
Ta 25˚C
1
1 000
100
10
1
10
100
1 000
ts
td
tf
tr
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Ambient temperature Ta (˚C)
10
10
10
6
10
7
10
8
10
9
0
100
75
50
25
VCE 20V
20
40
60
80
100
90
50
10
−13
2
1
0
30
70
IF=5mA
VCE=5V
Ta=25˚C
0
Sensor
+
Shield
distance L
Shield moving distance L (mm)
30
70
20
40
60
80
100
90
50
10
−13
2
1
0
Shield moving distance L (mm)
Shield
0
Sensor
IF=5mA
VCE=5V
Ta=25˚C
+
Fig.11 Detecting Position Characteristics (1)
Fig.12 Detecting Position Characteristics (2)


Similar Part No. - GP1S096HCZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S09 SHARP-GP1S09 Datasheet
54Kb / 5P
   Photointerrupter with Connector
GP1S092HCPI SHARP-GP1S092HCPI Datasheet
59Kb / 5P
   Subminiature, Surface Mount Type Photointerrupter
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
   SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ SHARP-GP1S093HCZ Datasheet
69Kb / 5P
   Subminiature, Low Profile, Transmissive Type Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results

Similar Description - GP1S096HCZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
   Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
   Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
   Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S097HCZ0F SHARP-GP1S097HCZ0F Datasheet
133Kb / 9P
   Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
   Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S196HCZ0F SHARP-GP1S196HCZ0F Datasheet
159Kb / 11P
   Gap : 1.1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
   SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com