Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7385 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7385 Datasheet HTML 1Page - NXP Semiconductors SAA7385 Datasheet HTML 2Page - NXP Semiconductors SAA7385 Datasheet HTML 3Page - NXP Semiconductors SAA7385 Datasheet HTML 4Page - NXP Semiconductors SAA7385 Datasheet HTML 5Page - NXP Semiconductors SAA7385 Datasheet HTML 6Page - NXP Semiconductors SAA7385 Datasheet HTML 7Page - NXP Semiconductors SAA7385 Datasheet HTML 8Page - NXP Semiconductors SAA7385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
1996 Jun 19
4
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
The SAA7385 uses a 33.8688 MHz clock and is capable
of accepting data at eight times (n = 8 or 1.4 Mbytes/s) the
normal CD-ROM data rate.
Third level error correction hardware is included to
improve the correction efficiency of the system. The buffer
manager hardware utilizes a ten-level arbitration unit and
can stop the clock to the microcontroller to emulate a wait
condition when necessary.
The SAA7385 comprises five major functional blocks:
• The 80C32 microcontroller is an industry standard core
• The 53CF94 is an industry standard core
• The front-end block connects to the external CD-60
based decoder and fully processes the incoming data
stream to provide bytes of data that are stored in the
external buffer
• The buffer manager block provides the address
generation and timing control for the external DRAM
buffer
• The ECC block performs the error correction functions in
hardware on the data in the DRAM buffer.
Supply of this Compact Disc IC does not convey an
implied license under any patent right to use this IC in
any Compact Disc application.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
digital supply voltage
4.5
5.0
5.5
V
Tamb
operating ambient temperature
0
70
°C
Tstg
storage temperature
−55
+150
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7385GP
SQFP128
plastic quad flat package; 128 leads (lead length 1.6 mm);
body 14
× 20 × 2.8 mm
SOT387-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn