Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 33 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA7385 Datasheet(HTML) 33 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
1996 Jun 19
33
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
Table 45 Read status register: 0xF0C3; note 1
Note
1. The information in register 0xF0C3 is a copy of the status byte written to the data buffer at the end of every frame.
SYNCERR, DATERR and CRCERR are essentially unusable since they are valid only long enough to be written to
the buffer.
Table 46 RDDSTAT field description
MNEMONIC
R/W
DATA BYTE
7
6
5
432
1
0
RDDSTAT
R
DCOTACT
BADQ
QFRMRDY HDRRDY HDRERR CRCERR
DATERR
SYNCERR
FIELD
LOGIC
DESCRIPTION
SYNCERR
0
Good synchronization detected (valid for 120 ns at the end of a sector).
DATERR
0
Good data (valid for 120 ns at the end of a sector).
CRCERR
0
Good CRC (valid for 120 ns at the end of a sector).
HDRERR
0
Good header.
If the automatic storage is selected, assertion of HDRERR inhibits data storage.
1
EFAB during reception of header (valid while HDRRDY set).
If the automatic storage is selected, assertion of HDRERR inhibits data storage.
HDRRDY
When set, a valid header is available. If the header is not read within a frame time, this
remains set until the next synchronization pattern and will be set again when the next
header arrives. It is cleared when any of the header bytes are read. This bit generates an
interrupt to the microcontroller when in data mode.
QFRMRDY
When set, all ten Q-channel bytes are received waiting to be read (BADQ is known). It is
reset at the end of frame or when any of the Q-channel bytes are read. This bit generates an
interrupt to the microcontroller when in audio mode.
BADQ
If Q-channel information failed CRC then BADQ is set. It is reset on next good CRC check or
on end of frame if DCOACT is running. If DCOACT is not running (i.e. audio mode) BADQ is
reset on next detection of sub-code gap. If AUTOSTR in WTDIR is selected, assertion of
BADQ inhibits audio data storage.
DCOTACT
Set when data is being shifted an and stored in the buffer: this will remain HIGH for the
entire transmission.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn