Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 32 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA7385 Datasheet(HTML) 32 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
1996 Jun 19
32
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
10.2
Front-end status and control
Table 43 Front-end control: 0xF0BB; note 1
Note
1. Register 0xF0BB controls the front-end of the SAA7385. The naming convention used here is similar to that used in
the block decoders.
Table 44 FECTL field description
MNEMONIC
R/W
DATA BYTE
7654
3
2
1
0
FECTL
R/W
SIM_EOF
RSMD
BREAK
RWMD
ENABRED AUDMODE SYNASYN
ECMD
FIELD
LOGIC
DESCRIPTION
ECMD
0
Data is shifted in and stored when the next synchronization pattern is detected;
(SYNASYN = 1 and AUDMODE = 0).
1
Data flow stop just before next synchronization pattern. ECMD is set on a reset condition;
(SYNASYN = 1).
SYNASYN
Synchronous/asynchronous selection; this controls the method by which data is started and
stopped by the block decoder, only operates in data mode.
0
Causes a ‘panic stop’. A partial frame will reside in current and subsequent buffers unless
SIM_EOF is set then cleared; (ECMD = 1).
1
Data is started and stopped on frame boundaries (on synchronization patterns).
AUDMODE
0
Data mode. Cleared on reset.
1
Audio mode, where the bit clock is shifted to accommodate EIAJ format. HQRDY in
INTRFLG follows HDRRDY in data mode and QFRMDRY in audio mode.
ENABRED
Enable red book to data path; while in audio mode, this is equivalent to ECMD in the data
mode. No asynchronous stop is provided in the audio mode.
0
Data flow will stop when the next F1 C-flag is detected. Cleared on a reset condition.
1
Red book data is input to buffer after the detection of the next F1 C-flag.
RWMD
This must be pulsed HIGH then LOW every 212 ms to prevent the watch-dog timer from
resetting the SAA7385 and the drive. The length of the reset pulse is 967
µs. If RWMD is set,
the watch-dog timer is disabled.
BREAK
When set, the S2B UART transmitter output is held HIGH.
RSMD
When the pulse is HIGH then LOW, the block decoder begins to search for a synchronization
pattern in the data bitstream. Once a synchronization pattern is found, MODE, MINS, SECS,
and FRMS become valid.
SIM_EOF
This provides a firmware reset to the frame sequencer and parts of the buffer manager.
This would be required if an asynchronous stop of the data stream occurs. Pulsing this HIGH
then LOW resets all counters and establishes a ‘beginning of frame’ state. DCOACT in
RDDSTAT must be LOW to allow SIM_EOF to have any effect. If SIM_EOF is set, no data or
sub-code is stored in the buffer.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn