Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7385 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. SAA7385
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7385 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7385 Datasheet HTML 1Page - NXP Semiconductors SAA7385 Datasheet HTML 2Page - NXP Semiconductors SAA7385 Datasheet HTML 3Page - NXP Semiconductors SAA7385 Datasheet HTML 4Page - NXP Semiconductors SAA7385 Datasheet HTML 5Page - NXP Semiconductors SAA7385 Datasheet HTML 6Page - NXP Semiconductors SAA7385 Datasheet HTML 7Page - NXP Semiconductors SAA7385 Datasheet HTML 8Page - NXP Semiconductors SAA7385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
1996 Jun 19
3
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
1
FEATURES
1.1
General
• Single chip digital solution for an 8 × speed CD-ROM
controller chip
• 10 Mbytes/s NCR53CF94 equivalent SCSI controller
included
• High-speed 80C32 microcontroller with 256 × 8
scratch-pad SRAM included
• High performance CD-ROM interface logic
• 128 pin QFP package.
1.2
53CF94 SCSI controller
• Separate clock input to allow operation up to the
maximum 10 Mbytes/s
• Fast synchronous SCSI-2 compatible
• 24-bit transfer counter for single transfers up to
16 Mbytes
• High-speed 16-bit DMA interface to the buffer manager
DRAM
• On-chip 48 mA SCSI drivers
• Software compatible with members of the 53C90 family
• Allows for SCAM support.
1.3
80C32 high-speed microcontroller
• 33.87 MHz full system speed operation
• Three timers/event counters
• Programmable full duplex serial channel
• Eight general purpose microcontroller I/O pins
• External program ROM.
1.4
Front-end interface logic
• Full 8 × speed hardware operation
• Block decoder
• Sector sequencer
• CRC checking of Mode 1 and Mode 2, Form 1 sectors
• 212 ms watch-dog timer
• Sub-code interface with synchronization
• C-flag interface for absolute time stamp.
1.5
Buffer controller
• Ten level arbitration logic
• Utilizes low cost 70 ns DRAMs
• Page mode DRAM access for high-speed error
correction and SCSI data transfer
• Data organization by 3 kbyte frames
• 256 kbyte or 1 Mbyte DRAM supported.
1.6
Hardware third-level error correction
• Third-level correction provides superior performance in
unfavourable conditions
• Full hardware error correction to reduce microcontroller
overhead
• Corrections are automatically written to the DRAM
frame buffer.
1.7
Additional product support
• All control registers mapped into 80C32 special function
memory space
• Dedicated S2B interface UART
• Input clock synthesizer
• Red book audio pass through.
2
GENERAL DESCRIPTION
The SAA7385 is a high integration ASIC that incorporates
all of the digital electronics necessary to connect a CD
decoder to a SCSI host. An 80C32 microcontroller and a
53CF94 SCSI controller are embedded in the ASIC.
The following functions are supported:
• Input clock doubler
• Block decoder
• CRC checking of Mode 1 and Mode 2, Form 1 sectors
• Red book audio pass through to SCSI
• Buffer manager
• Third-level error correction
• Sub-code and Q-channel support
• Dedicated S2B interface UART
• Embedded 80C32 microcontroller
• Embedded 53CF94 SCSI controller.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn